Electronic Components Datasheet Search
  English  ▼

X  

LZP-00MD00 Datasheet(PDF) 12 Page - ams AG

Part # LZP-00MD00
Description  Industry’s most robust high power ceramic package with glass lens for high performance over life.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LZP-00MD00 Datasheet(HTML) 12 Page - ams AG

Back Button LZP-00MD00 Datasheet HTML 8Page - ams AG LZP-00MD00 Datasheet HTML 9Page - ams AG LZP-00MD00 Datasheet HTML 10Page - ams AG LZP-00MD00 Datasheet HTML 11Page - ams AG LZP-00MD00 Datasheet HTML 12Page - ams AG LZP-00MD00 Datasheet HTML 13Page - ams AG LZP-00MD00 Datasheet HTML 14Page - ams AG LZP-00MD00 Datasheet HTML 15Page - ams AG LZP-00MD00 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LZP-00MD00
DATASHEET
DATASHEET
12 | Version 1.11 | 2023-07-14
Dominant Wavelength 5)
LZP-00MD00
IF /mA
-5
0
5
10
15
20
∆λ dom /nm
:truegreen
Dominant Wavelength 5)
Δλ
dom = f(IF); TC = 25 °C
LZP-00MD00
IF /mA
-4
-2
0
2
4
6
8
∆λ dom /nm
:blue
Chromaticity Coordinate Shift 5)
LZP-00MD00
IF /mA
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx -cool white
: ∆ Cy -cool white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com