Electronic Components Datasheet Search
  English  ▼

X  

LZP-00MD00 Datasheet(PDF) 3 Page - ams AG

Part # LZP-00MD00
Description  Industry’s most robust high power ceramic package with glass lens for high performance over life.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LZP-00MD00 Datasheet(HTML) 3 Page - ams AG

  LZP-00MD00 Datasheet HTML 1Page - ams AG LZP-00MD00 Datasheet HTML 2Page - ams AG LZP-00MD00 Datasheet HTML 3Page - ams AG LZP-00MD00 Datasheet HTML 4Page - ams AG LZP-00MD00 Datasheet HTML 5Page - ams AG LZP-00MD00 Datasheet HTML 6Page - ams AG LZP-00MD00 Datasheet HTML 7Page - ams AG LZP-00MD00 Datasheet HTML 8Page - ams AG LZP-00MD00 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LZP-00MD00
DATASHEET
DATASHEET
3 | Version 1.11 | 2023-07-14
Ordering Information
Type
Brightness 1)
Ordering Code
LZP-00MD00-0000_G2
Q65113A6756
● red
● Φ
V = 600 ... 940 lm (IF = 700 mA)
Q65113A6756
● true green
● Φ
V = 1090 ... 1700 lm (IF = 700 mA)
Q65113A6756
● blue
● Φ
V = 172 ... 420 lm (IF = 700 mA)
Q65113A6756
● cool white
● Φ
V = 1250 ... 1960 lm (IF = 700 mA)
Q65113A6756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com