Electronic Components Datasheet Search
  English  ▼

X  

LZP-00MD00 Datasheet(PDF) 5 Page - ams AG

Part # LZP-00MD00
Description  Industry’s most robust high power ceramic package with glass lens for high performance over life.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LZP-00MD00 Datasheet(HTML) 5 Page - ams AG

  LZP-00MD00 Datasheet HTML 1Page - ams AG LZP-00MD00 Datasheet HTML 2Page - ams AG LZP-00MD00 Datasheet HTML 3Page - ams AG LZP-00MD00 Datasheet HTML 4Page - ams AG LZP-00MD00 Datasheet HTML 5Page - ams AG LZP-00MD00 Datasheet HTML 6Page - ams AG LZP-00MD00 Datasheet HTML 7Page - ams AG LZP-00MD00 Datasheet HTML 8Page - ams AG LZP-00MD00 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LZP-00MD00
DATASHEET
DATASHEET
5 | Version 1.11 | 2023-07-14
Characteristics
I
F = 700 mA; TC = 25 °C; per string
Parameter
Symbol
Values
Values
Values
Values
● red
● true green
● blue
● cool white
Chromaticity Coordi-
nate 4)
Cx
Cy
typ.
typ.
0.32
0.33
Luminous Flux 5)
Φ
V
typ.
765 lm
1350 lm
230 lm
1550 lm
Dominant Wave-
length 6)
I
F = 700 mA
λ
dom
min.
typ.
max.
617 nm
623 nm
630 nm
520 nm
523 nm
530 nm
453 nm
457 nm
460 nm
Viewing angle at 50%
I
V
2φ
typ.
125 °
125 °
125 °
125 °
Forward Voltage 7)5)
I
F = 700 mA
V
F
min.
typ.
max.
12.6 V
14.5 V
17.4 V
15.0 V
17.4 V
21.0 V
16.8 V
17.8 V
22.8 V
19.6 V
24.1 V
26.6 V
Reverse current 3)
I
R
Not designed
for reverse
operation
Not designed
for reverse
operation
Not designed
for reverse
operation
Not designed
for reverse
operation
Color Rendering
Index 8)
R
a
typ.
75
Electrical thermal re-
sistance junction/case
Value in the first
column relates to full
package with all chips
operated simultane-
ously.
R
thJC elec.
typ.
0.50 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com