Electronic Components Datasheet Search
  English  ▼

X  

C9812 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # C9812
Description  Low EMI Clock Generator for Intel 810E Chipset Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9812 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button C9812 Datasheet HTML 9Page - Cypress Semiconductor C9812 Datasheet HTML 10Page - Cypress Semiconductor C9812 Datasheet HTML 11Page - Cypress Semiconductor C9812 Datasheet HTML 12Page - Cypress Semiconductor C9812 Datasheet HTML 13Page - Cypress Semiconductor C9812 Datasheet HTML 14Page - Cypress Semiconductor C9812 Datasheet HTML 15Page - Cypress Semiconductor C9812 Datasheet HTML 16Page - Cypress Semiconductor C9812 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Low EMI Clock Generator for Intel
810E Chipset Systems
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07053 Rev. **
05/03/01
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 13 of 18
http://www.cypress.com
APPROVED PRODUCT
C9812
Output Buffer Characteristics (Cont.)
Buffer Characteristics for PCI, 3V66 and DOT
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current
IOH1
-33
-58
-194
mA
Vout =VDDC - 1.0 V
Pull-Up Current
IOH2
-30
-54
-184
mA
Vout = 1. 5 V
Pull-Down Current
IOL1
9.4
18
38
mA
Vout = 0.4 V
Pull-Down Current
IOL1
28
55
148
mA
Vout = 1.5 V
Dynamic Output Impedance
Z0
12
55
Ω
Rise Time Min
Between 0.4 and 2.4 V
Tr
0.5
-
2.0
nS
30pF Load
Fall Time Max
Between 0.4 and 2.4 V
Tf
0.5
-
2.0
nS
30pF Load
Buffer Characteristics for USB and REF
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current
IOH1
-29
-46
-99
mA
Vout =VDD - 1.0 V
Pull-Up Current
IOH2
-27
-43
-92
mA
Vout = 1. 5 V
Pull-Down Current
IOL1
9
13
27
mA
Vout = 0.4 V
Pull-Down Current
IOL1
26
39
79
mA
Vout = 1.5 V
Dynamic Output Impedance
Z0
20
60
Ω
Rise Time Min
Between 0.4 and 2.4 V
Tr
1.0
-
4.0
nS
20pF Load
Fall Time Max
Between 0.4 and 2.4 V
Tf
1.0
-
4.0
nS
20pF Load
Buffer Characteristics for IOAPIC
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current
IOH1
-28
-61
-107
mA
Vout =VDDI - 0.5V
Pull-Up Current
IOH2
-26
-58
-107
mA
Vout = 1. 0 V
Pull-Down Current
IOL1
12
24
40
mA
Vout = 0.4 V
Pull-Down Current
IOL1
28
60
100
mA
Vout = 1.4 V
Dynamic Output Impedance
Z0
13.5
45
Ω
Rise Time Min
Between 0.4 and 2.0 V
Tr
0.4
-
1.6
nS
20pF Load
Fall Time Max
Between 0.4 and 2.0 V
Tf
0.4
-
1.6
nS
20pF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com