Electronic Components Datasheet Search
  English  ▼

X  

C9812 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # C9812
Description  Low EMI Clock Generator for Intel 810E Chipset Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9812 Datasheet(HTML) 3 Page - Cypress Semiconductor

  C9812 Datasheet HTML 1Page - Cypress Semiconductor C9812 Datasheet HTML 2Page - Cypress Semiconductor C9812 Datasheet HTML 3Page - Cypress Semiconductor C9812 Datasheet HTML 4Page - Cypress Semiconductor C9812 Datasheet HTML 5Page - Cypress Semiconductor C9812 Datasheet HTML 6Page - Cypress Semiconductor C9812 Datasheet HTML 7Page - Cypress Semiconductor C9812 Datasheet HTML 8Page - Cypress Semiconductor C9812 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Low EMI Clock Generator for Intel
810E Chipset Systems
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07053 Rev. **
05/03/01
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 3 of 18
http://www.cypress.com
APPROVED PRODUCT
C9812
Test Mode Function
Test Mode Functionality
SEL2
SEL1
SEL0
CPU
SDRAM
3V66
PCI
48 MHz
REF
IOAPIC
x
0
1
TCLK/2
TCLK/2
TCLK/3
TCLK/6
TCLK/2
TCLK
TCLK/6
Table 2
Note: TCLK is a test clock over driven on the XIN input during test mode.
Power Management Functions
Power Management on this device is controlled by a single pin, PD# (pin32). When PD# is high (default) the device is in
running and all signals are active.
When PD# is asserted (forced) low, the device is in shutdown (or in power down) mode and all power supplies (3.3V and
2.5V except for VDDA/pin 27) may be removed. When in power down, all outputs are synchronously stopped in a low
state (see Fig.2 below), all PLL’s are shut off, and the crystal oscillator is disabled. When the device is shutdown the I²C
function is also disabled.
Power Management Timing
100MHz
PCI
33MHz
SDRAM
CLOCK
33MHz
Undefined
CPU
66MHz
30nS
0nS
IOAPIC
3V66
100MHz
20nS
10nS
40nS
50nS
PWRDN#
REF
USB
14.3MHz
48MHz
Undefined
Undefined
Fig.2
Power Management Current
PD#, SEL[2..0]
(CPU Clock)
Maximum 2.5 Volt Current
Consumption (VDD2.5 =2.625)
Maximum 3.3 Volt Current Consumption
(VDD3.3 = 3.465 V)
0XXX (Power down)
100 µA
200 µA
1010 (66MHz)
70 mA
280 mA
1011 (100MHz)
100 mA
280 mA
111X (133MHz)
133 mA
280 mA
Table 3
When exiting the power down mode, the designer must supply power to the VDD pins first, a minimum of 200mS before
releasing the PD# pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com