Electronic Components Datasheet Search
  English  ▼

X  

ILQ2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILQ2 Datasheet HTML 1Page - Vishay Siliconix ILQ2 Datasheet HTML 2Page - Vishay Siliconix ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ILD1/ 2/ 5 / ILQ1/ 2/ 5
Document Number 83646
Rev. 1.4, 05-Nov-04
Vishay Semiconductors
www.vishay.com
5
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Non-saturated Switching Schematic
Figure 2. Non-saturated Switching Timing
Figure 3. Saturated Switching Schematic
iild1_01
VO
VCC=5 V
RL=75 Ω
F=10 KHz,
DF=50%
IF=10 mA
iild1_02
tD
tR
50%
PHL
tPLH
tS
tF
t
IF
VO
iild1_03
VO
VCC=5 V
R L
F=10 KHz,
DF=50%
IF=10 mA
Figure 4. Saturated Switching Timing
Figure 5. Normalized Non-Saturated and Saturated CTR vs. LED
Current
Figure 6. Normalized Non-Saturated and Saturated CTR vs. LED
Current
iild1_04
IF
tR
=1.5 V
VO
tD
tS
tF
tPHL
tPLH
VTH
iild1_05
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
TA = -55°C
TA =100°C
TA = 25°C
iild1_06
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
VCE =10V,IF =10mA
TA= 25°C
CTRce(sat) VCE = 0.4 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com