Electronic Components Datasheet Search
  English  ▼

X  

ILQ2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 1 Page - Vishay Siliconix

  ILQ2 Datasheet HTML 1Page - Vishay Siliconix ILQ2 Datasheet HTML 2Page - Vishay Siliconix ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ILD1/ 2/ 5 / ILQ1/ 2/ 5
Document Number 83646
Rev. 1.4, 05-Nov-04
Vishay Semiconductors
www.vishay.com
1
i179012
1
2
3
4
8
7
6
5
E
C
C
E
A
C
C
A
A
C
C
A
A
C
C
A
E
C
C
E
E
C
C
E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Dual Channel
Quad Channel
Pb
Pb-free
e3
Optocoupler, Phototransistor Output (Dual, Quad Channel)
Features
• Current Transfer Ratio at IF = 10 mA
• Isolation Test Voltage, 5300 VRMS
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• CSA 93751
• BSI IEC60950 IEC60065
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
• FIMKO
Description
The ILD1/ 2/ 5/ ILQ1/ 2/ 5 are optically coupled iso-
lated pairs employing GaAs infrared LEDs and silicon
NPN phototransistor. Signal information, including a
DC level, can be transmitted by the drive while main-
taining a high degree of electrical isolation between
input and output. The ILD1/ 2/ 5/ ILQ1/ 2/ 5 are espe-
cially designed for driving medium-speed logic and
can be used to eliminate troublesome ground loop
and noise problems. Also these couplers can be used
to replace relays and transformers in many digital
interface applications such as CTR modulation.
The ILD1/ 2/ 5 has two isolated channels in a single
DIP package and the ILQ1/ 2/ 5 has four isolated
channels per package.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
ILD1
CTR > 20 %, DIP-8
ILQ1
CTR > 20 %, DIP-16
ILD2
CTR > 100 %, DIP-8
ILQ2
CTR > 100 %, DIP-16
ILD5
CTR > 50 %, DIP-8
ILQ5
CTR > 50 %, DIP-16
ILD1-X007
CTR > 20 %, SMD-8 (option 7)
ILD1-X009
CTR > 20 %, SMD-8 (option 9)
ILD2-X006
CTR > 100 %, DIP-8 400 mil (option 6)
ILD2-X007
CTR > 100 %, SMD-8 (option 7)
ILD2-X009
CTR > 100 %, SMD-8 (option 9)
ILD5-X009
CTR > 50 %, SMD-8 (option 9)
ILQ1-X009
CTR > 20 %, SMD-16 (option 9)
ILQ2-X009
CTR > 100 %, SMD-16 (option 9)


Similar Part No. - ILQ2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ2 SIEMENS-ILQ2 Datasheet
67Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILQ2 VISHAY-ILQ2 Datasheet
174Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
logo
ISOCOM COMPONENTS
ILQ2 ISOCOM-ILQ2 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
ILQ2 VISHAY-ILQ2 Datasheet
200Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
28-Jun-11
ILQ2 VISHAY-ILQ2 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Mar-2021
More results

Similar Description - ILQ2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
28-Jun-11
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
15-Apr-2021
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Mar-2021
ILD615 VISHAY-ILD615_V02 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com