Electronic Components Datasheet Search
  English  ▼

X  

ILQ2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 6 Page - Vishay Siliconix

  ILQ2 Datasheet HTML 1Page - Vishay Siliconix ILQ2 Datasheet HTML 2Page - Vishay Siliconix ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83646
Rev. 1.4, 05-Nov-04
ILD1/ 2/ 5 / ILQ1/ 2/ 5
Vishay Semiconductors
Figure 7. Normalized Non-Saturated and Saturated CTR vs. LED
Current
Figure 8. Normalized Non-Saturated and Saturated CTR vs. LED
Current
Figure 9. Normalized Non-Saturated and Saturated CTR vs. LED
Current
iild1_07
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
ˇ
Normalized to:
VCE =10V,IF = 10 mA, TA= 25°C
TA= 50°C
CTRce(sat) VCE = 0.4 V
iild1_08
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
NCTR(SAT)
NCTR
Normalized to:
VCE =10V,IF =10mA
TA= 25°C
CTRce(sat) VCE = 0.4 V
TA= 70°C
iild1_09
.1
1
10
100
1.5
1.0
0.5
0.0
IF - LED Current - mA
NCTR(SAT)
NCTR
Normalized to:
VCE =10 V, IF = 10 mA, TA = 25°C
CTRce(sat) VCE = 0.4 V
TA = 85°C
Figure 10. Collector-Emitter Current vs. Temperature and LED
Current
Figure 11. Collector-Emitter Leakage Current vs.Temp.
Figure 12. Propagation Delay vs. Collector Load Resistor
iild1_10
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50°C
70°C
85°C
IF - LED Current - mA
25°C
40
iild1_11
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
TA - Ambient Temperature - °C
Vce=10V
Typical
iild1_12
RL - Collector Load Resistor - kΩ
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
Ta = 25°C, IF = 10 mA
Vcc=5V,Vth =1.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com