Electronic Components Datasheet Search
  English  ▼

X  

74HC273D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HC273D
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC273D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC273D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Nexperia
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
5. Pinning information
5.1. Pinning
74HC273
74HCT273
MR
VCC
Q0
Q7
D0
D7
D1
D6
Q1
Q6
Q2
Q5
D2
D5
D3
D4
Q3
Q4
GND
CP
001aae053
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Fig. 5. Pin configuration SOT163-1 (SO20)
and SOT360-1 (TSSOP20)
001aae054
74HC273
74HCT273
Transparent top view
Q4
D3
Q3
D4
D2
D5
Q2
Q5
Q1
Q6
D1
D6
D0
D7
Q0
Q7
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
GND(1)
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 6. Pin configuration SOT764-1 (DHVQFN20)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
MR
1
master reset input (active LOW)
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
2, 5, 6, 9, 12, 15, 16, 19
flip-flop output
D0, D1, D2, D3, D4, D5, D6, D7
3, 4, 7, 8, 13, 14, 17, 18
data input
GND
10
ground (0 V)
CP
11
clock input (LOW-to-HIGH, edge-triggered)
VCC
20
supply voltage
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 6 September 2021
3 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com