Electronic Components Datasheet Search
  English  ▼

X  

74HC85 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC85
Description  4-bit magnitude comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC85 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC85 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Nexperia
74HC85; 74HCT85
4-bit magnitude comparator
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
74HCT85
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8 V
VI = VIH or VIL; VCC = 4.5 V
IO = -20 μA
4.4
4.5
-
4.4
-
4.4
-
V
VOH
HIGH-level
output voltage
IO = -4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VI = VIH or VIL; VCC = 4.5 V
IO = 20 μA
-
0
0.1
-
0.1
-
0.1 V
VOL
LOW-level
output voltage
IO = 4.0 mA
-
0.15
0.26
-
0.33
-
0.4 V
II
input leakage
current
VI = VCC or GND; VCC = 5.5 V
-
-
±0.1
-
±1
-
±1
μA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
8.0
-
80
-
160 μA
per input pin; VI = VCC - 2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO = 0 A
IA<B and IA>B inputs
-
100
360
-
450
-
490 μA
ΔICC
additional supply
current
An, Bn and IA=B inputs
-
150
540
-
675
-
735 μA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
74HC_HCT85
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 4 August 2021
7 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com