Electronic Components Datasheet Search
  English  ▼

X  

74HC85 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC85
Description  4-bit magnitude comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC85 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC85 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC85 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
74HC85; 74HCT85
4-bit magnitude comparator
Rev. 4 — 4 August 2021
Product data sheet
1. General description
The 74HC85; 74HCT85 is a 4-bit magnitude comparator that can be expanded to almost any
length. They perform comparison of two 4-bit binary, BCD or other monotonic codes and present
the three possible magnitude results at the outputs (QA>B, QA=B and QA<B). The 4-bit inputs are
weighted (A0 to A3 and B0 to B3), where A3 and B3 are the most significant bits. For proper
compare operation the expander inputs (IA>B, IA=B and IA<B) to the least significant position must
be connected as follows: IA<B = IA>B = LOW and IA=B = HIGH. For words greater than 4-bits, units
can be cascaded by connecting outputs QA>B, QA=B and QA<B to the corresponding inputs of
the significant comparator. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC85: CMOS level
• For 74HCT85: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114-A exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Process controllers
• Servo-motor control
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74HC85D
74HCT85D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC85PW
74HCT85PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1


Similar Part No. - 74HC85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
74HC85D PHILIPS-74HC85D Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
74HC85DB PHILIPS-74HC85DB Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
74HC85N PHILIPS-74HC85N Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
74HC85PW PHILIPS-74HC85PW Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
More results

Similar Description - 74HC85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com