Electronic Components Datasheet Search
  English  ▼

X  

PM9904BPD Datasheet(PDF) 7 Page - Sames

Part # PM9904BPD
Description  Evaluation Board for the SA9904B Energy Metering IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9904BPD Datasheet(HTML) 7 Page - Sames

Back Button PM9904BPD Datasheet HTML 3Page - Sames PM9904BPD Datasheet HTML 4Page - Sames PM9904BPD Datasheet HTML 5Page - Sames PM9904BPD Datasheet HTML 6Page - Sames PM9904BPD Datasheet HTML 7Page - Sames PM9904BPD Datasheet HTML 8Page - Sames PM9904BPD Datasheet HTML 9Page - Sames PM9904BPD Datasheet HTML 10Page - Sames PM9904BPD Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
http://www.sames.co.za
sames
sames
PM9904BPD
Firmware
The micro-controller’s code was created according to the
guidelines set out in the evaluation software section. It is
presented as a kick-start to experimentation with the micro-
controller module and as such shouldn’t be seen as the best
(or only) possible implementation. The code was generated
using Hi-Tech PIC C (v7.86PL4); the demo version on their
www site (www.htsoft.com) is sufficient for experimentation.
The program flow is presented in Figure 9.
SPI
Bit-banging SPI is used to aid portability to other micros, i.e.
three port pins under direct software control creates
SPI_CLOCK, MOSI and reads MISO. The SPI access of the
SA9904B is divided into two tasks namely, fast and slow
changing data. This is accomplished via an interrupt driven
time-slicing architecture, with a basic timer tick of 10ms.
Rate LEDs / opto-outputs
The 10ms pulse widths on these outputs are derived from the
basic timer tick.
Creep
The creep algorithm is simply: - if the time between two
successive pulses is greater than a predefined maximum, the
respective energy accumulator is cleared. The simplest
method of deciding what the predefined value should be is to
measure the time between two pulses at the lowest
permissible load current, this is then expressed i.t.o basic
timer ticks.
User Interface
A simple interface has been implemented using two of the
three available keys. The Enter Key toggles display of
consumed kWh and kVARh units. The Down Key displays per
phase voltage and frequency data, each press shows the next
phase’s data.
Memory Usage
ROM:
4070 words
or 50% of the total capacity
RAM:
Bank
86%
0
Bank
26%
1
Bank
83%
2
Bank
---
or 50% of the total capacity
3
Please refer to the readme. 1st file for any updated information
not contained in this application note. The mentioned file is
part of the source code that accompanies this module.
Figure 9: Program flow
START
/* Switch Power on */
Setup Ctrler’s ports and interrupts
init()
boot_scrn()
interrupt service routine:
10ms ticks
ctrl fast & slow tasks
ctrl pulsing of rate LEDs
Manage interrupt on key-
press
isr()
Read energy
registers
process_a_data()
process_r_data()
/*Power off*/
END
Read voltage and
frequency registers.
User Interface
Displays the start-up screens on LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com