Electronic Components Datasheet Search
  English  ▼

X  

PM9904BPD Datasheet(PDF) 18 Page - Sames

Part # PM9904BPD
Description  Evaluation Board for the SA9904B Energy Metering IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9904BPD Datasheet(HTML) 18 Page - Sames

Back Button PM9904BPD Datasheet HTML 14Page - Sames PM9904BPD Datasheet HTML 15Page - Sames PM9904BPD Datasheet HTML 16Page - Sames PM9904BPD Datasheet HTML 17Page - Sames PM9904BPD Datasheet HTML 18Page - Sames PM9904BPD Datasheet HTML 19Page - Sames PM9904BPD Datasheet HTML 20Page - Sames PM9904BPD Datasheet HTML 21Page - Sames PM9904BPD Datasheet HTML 22Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
1
2
3
4
5
6
7
8
SK2
SPI Port
VDD
VSS
F50
SCK
MISO
CS_A
MOSI
CS_D
RA0/AN0
2
RA1/AN1
3
RA2/AN2
4
RA3/AN3/VREF
5
RA4/T0CKI
6
RA5/AN4/SS
7
RB0/INT
21
RB1
22
RB2
23
RB3
24
RB4
25
RB5
26
RB6
27
RB7
28
RC0/T1OSO/T1CKI
11
RC1/T1OSI
12
RC2/CCP1
13
RC3/SCK/SCL
14
RC4/SDI/SDA
15
RC5/SDO
16
RC6
17
RC7
18
MCLR/VPP
1
OSC1/CLKIN
9
OSC2/CLKOUT
10
U1
PIC16F876-20/SO
CS
1
SCK
2
DI
3
DO
4
VCC
8
NC
7
ORG
6
VSS
5
U2
93C46
S1
UP
S2
DOWN
S3
ENTER
X1
20MHz
C2
33p
C1
33p
R2
640R
R1
33k
D1
1N4148
C4
100n
C3
100n
VSS
VSS
VSS
VDD
VDD
VSS
MOSI
MISO
SCK
CS_D
CS_A
CS_M
CS_M
S4
RESET
VSS
VSS
VDD
SCK
MOSI
MISO
U3
4N35
R5
1k
VDD
1
2
SK3
Opto Out
RA0
RA1
RA2
RA0
RA1
RA2
RA3
RA4
RA5
F50
RB1
RB2
RB3
RB4
RB5
RB6
RB7
RC6
RC7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
JP1
L
1
2
3
4
5
6
7
8
9
10
11
12
13
14
JP2
R
MCLR
RA0
RA1
RA2
RA3
RA4
RA5
VSS
OSCI
OSCO
MISO
MOSI
RC6
RC7
VSS
VDD
F50
RB1
RB2
RB3
RB4
RB5
RB6
RB7
SCK
CS_D
CS_A
CS_M
MCLR
1
2
3
JP3
Out Select
1
2
3
JP4
L1
Active
R3
1k
VDD
L2
Reactive
R4
1k
VDD
RA0
RA1
R6
10k
VSS
Q1
PNP
RST
1
2
3
4
5
6
SK1
ISP
RB3
RB6
MCLR
VDD
VSS
D2
1N4148
RB7
1
2
3
4
5
6
7
8
J1
Holder
C5
1u
VDD
VSS
N1
N2
N3
N4
N5
N6
N7
N8
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com