Electronic Components Datasheet Search
  English  ▼

X  

PM9904BPD Datasheet(PDF) 17 Page - Sames

Part # PM9904BPD
Description  Evaluation Board for the SA9904B Energy Metering IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9904BPD Datasheet(HTML) 17 Page - Sames

Back Button PM9904BPD Datasheet HTML 13Page - Sames PM9904BPD Datasheet HTML 14Page - Sames PM9904BPD Datasheet HTML 15Page - Sames PM9904BPD Datasheet HTML 16Page - Sames PM9904BPD Datasheet HTML 17Page - Sames PM9904BPD Datasheet HTML 18Page - Sames PM9904BPD Datasheet HTML 19Page - Sames PM9904BPD Datasheet HTML 20Page - Sames PM9904BPD Datasheet HTML 21Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
sames
sames
17/22
http://www.sames.co.za
PM9904BPD
COMPONENT LIST (PM9904BPD BOARD)
Description
Capacitor Monolithic Ceramic
Capacitor Tantalum
Capacitor Electrolytic Radial
Capacitor Monolithic Ceramic
Capacitor Monolithic Ceramic
Capacitor Monolithic Ceramic
Capacitor Polyester
Capacitor Electrolytic Radial
Capacitor Electrolytic Radial
Rectifier Diode
Zener Diode
LED 3mm Diameter
Micro switch
¼ Watt, 1%, Metal Film Resistor
¼ Watt, 1%, Metal Film Resistor
¼ Watt, 1%, Metal Film Resistor
¼ Watt, 1%, Metal Film Resistor
¼ Watt, 5%, Carbon Resistor
¼ Watt, 1%, Metal Film Resistor
¼ Watt, 5%, Carbon Resistor
¼ Watt, 1%, Metal Film Resistor
¼ Watt, 5%, Carbon Resistor
1 Watt, 1%, Wire Wound Resistor
2 Watt, 1%, Wire Wound Resistor
¼ Watt, 5%, Carbon Resistor
¼ Watt, 1%, Metal Film Resistor
7 Pin Molex, Center square pin, Friction Lock
Db25, PCB Mount, Female
2 Pin Molex, Center square pin, Friction Lock
TO -92 Package
DIP 8 Package
Crystal
Metal Oxide Varistor
20 Pin IC Socket, Tulip Type
44 Pin PLCC IC Socket
Designator
C16, C17, C18
C8, C9
C3, C4, C5
C6
C1, C2
C7
C12, C13, C14
C15
C10, C11
CT1, CT2, CT3
D1, D2, D3, D4, D5, D6
D7
L1, L2
PB1
R1, R2, R3, R4, R5, R6
R7
R8, R9, R10
R11, R12, R13
R48, R49, R50, R51
R15, R17, R19, R21, R23, R25
R42, R43
R26, R27, R28
R40, R41, R44, R45, R46, R47
R32, R33
R29, R30, R31
R34, R35, R36, R37, R38, R39
R14, R16, R18, R20, R22, R24
Sk1
Sk2
Sk3
U3, U4
U5, U6, U7
X1
Z1, Z2, Z3
U1
U2
Part Type
100n
10µ / 16V
1µ / 16V / No Polarity
1µ / 63V
220n / 63V
22n / 63V
470n / 250VAC
470µ / 16V
470µ / 25V
Tz76
1N4007
47V
LED
SW-PB
2.7k
47k
1M
24k
4.7R
120k
1k
2.7R
4.7k
470R / 1 Watt
47R / 2 Watt
680R
82k
MAINS
PC
PC 5V
TL431
HCPL2631
3.5795 MHz
S10 / 275
SA9904B
SA8807AF
Items
1
2
1
2
4
3
5
6
5
6
7
9
16
17
18
20
20
21
22
25
27
26
27
29
30
31
33
35
37
36
37
38
39
40
41
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com