Electronic Components Datasheet Search
  English  ▼

X  

CDB5376 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CDB5376
Description  Multichannel Seismic Evaluation System
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5376 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CDB5376 Datasheet HTML 12Page - Cirrus Logic CDB5376 Datasheet HTML 13Page - Cirrus Logic CDB5376 Datasheet HTML 14Page - Cirrus Logic CDB5376 Datasheet HTML 15Page - Cirrus Logic CDB5376 Datasheet HTML 16Page - Cirrus Logic CDB5376 Datasheet HTML 17Page - Cirrus Logic CDB5376 Datasheet HTML 18Page - Cirrus Logic CDB5376 Datasheet HTML 19Page - Cirrus Logic CDB5376 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
CDB5376
16
DS612DB2
2.2.1.6
Common Mode Bias
Differential analog signals into the CS3301/02 amplifiers are required to be biased to the center of the
power supply voltage range, which for bipolar supplies is near ground potential. This common mode bias
voltage is created by buffering the voltage reference, which is nominally +2.5 V relative to the VA- power
supply.
Resistors to create the common mode bias are selected based on the sensor impedance and may need
to be modified from the CDB5376 defaults depending on the sensor to be used. Refer to the recommend-
ed operating bias conditions for the selected sensor, which are available from the sensor manufacturer.
Land Common Mode Filter Specification
Value
Common Mode Capacitance
10 nF + 10%
Common Mode Resistance
200
Ω
Common Mode -3 dB Corner @ 6 dB/octave
80 kHz + 10%
Land Differential Filter Specification
Value
Differential Capacitance
10 nF + 10%
Differential Resistance
200
Ω + 200 Ω = 400 Ω
Differential -3 dB Corner @ 6 dB/octave
40 kHz + 10%
Marine Differential Filter Specification
Value
Differential Capacitance
10 nF + 10%
Differential Resistance
200
Ω + 200 Ω = 400 Ω
-3 dB Corner @ 6 dB/octave
40 kHz + 10%
Specification
Value
Geophone Sensor Bias Resistance
20 k
Ω || 20 kΩ = 10 kΩ
Hydrophone Sensor Bias Resistance
18 M
Ω || 18 MΩ = 9 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com