Electronic Components Datasheet Search
  English  ▼

X  

CDB5376 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CDB5376
Description  Multichannel Seismic Evaluation System
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5376 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CDB5376 Datasheet HTML 25Page - Cirrus Logic CDB5376 Datasheet HTML 26Page - Cirrus Logic CDB5376 Datasheet HTML 27Page - Cirrus Logic CDB5376 Datasheet HTML 28Page - Cirrus Logic CDB5376 Datasheet HTML 29Page - Cirrus Logic CDB5376 Datasheet HTML 30Page - Cirrus Logic CDB5376 Datasheet HTML 31Page - Cirrus Logic CDB5376 Datasheet HTML 32Page - Cirrus Logic CDB5376 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
CDB5376
DS612DB2
29
2.3.6
RS-485 Telemetry
By default, CDB5376 communicates with the PC evaluation software through the microcontroller USB
port. Additional hardware is designed onto CDB5376 to use the microcontroller I2C port as a low-level
local telemetry, but it is provided for custom programming convenience only and is not directly supported
by the CDB5376 PC evaluation software or microcontroller firmware.
Telemetry signals enter CDB5376 through RS-485 transceivers, which are differential current mode trans-
ceivers that can reliably drive long distance communication. Data passes through the RS-485 transceiv-
ers to the microcontroller I2C interface and the clock and synchronization inputs.
2.3.6.1
CLK, SYNC
Clock and synchronization telemetry signals into CDB5376 are received through RS-485 twisted pairs.
These signals are required to be distributed through the external system with minimal jitter and timing
skew, and so are normally driven through high-speed bus connections.
Synchronization of the measurement channel is critical to ensure simultaneous analog sampling across
a network. Several options are available for connecting a SYNC signal through the RS-485 telemetry to
the digital filter.
A direct connection is made when the SYNC_IO signal is received over the dedicated RS-485 twisted pair
and sent directly to the digital filter SYNC pin through jumper J56. The incoming SYNC_IO signal must be
synchronized to the network at the transmitter since no local timing adjustment is available.
A microcontroller hardware connection is made when the SYNC_IO signal is received over the dedicated
RS-485 twisted pair and detected by a microcontroller interrupt. The microcontroller can then use an in-
ternal counter to re-time the SYNC_MC signal output to the digital filter SYNC input as required.
Specification
Value
RS-485 Transceiver - Linear Tech
LTC1480IS8
Surface Mount Package Type
SOIC-8, 5mm x 6mm
Supply Voltage, Quiescent Current
3.3V, 600
µA
Maximum Data Rate
2.5 Mbps
Transmitter Delay, Receiver Delay
25 - 80 ns, 30 - 200 ns
Transmitter Current, Full Termination (60
Ω)
25 mA
Transmitter Current, Half Termination (120
Ω)
13 mA
Specification
Value
Synchronous Inputs, 2 wires each
CLK±, SYNC±
Specification
Value
Distributed SYNC Signal Synchronization
± 240 ns
Distributed Clock Synchronization
± 240 ns
Analog Sampling Synchronization Accuracy
± 480 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com