Electronic Components Datasheet Search
  English  ▼

X  

CDB5376 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CDB5376
Description  Multichannel Seismic Evaluation System
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5376 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CDB5376 Datasheet HTML 36Page - Cirrus Logic CDB5376 Datasheet HTML 37Page - Cirrus Logic CDB5376 Datasheet HTML 38Page - Cirrus Logic CDB5376 Datasheet HTML 39Page - Cirrus Logic CDB5376 Datasheet HTML 40Page - Cirrus Logic CDB5376 Datasheet HTML 41Page - Cirrus Logic CDB5376 Datasheet HTML 42Page - Cirrus Logic CDB5376 Datasheet HTML 43Page - Cirrus Logic CDB5376 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
CDB5376
40
DS612DB2
3.3.2
Digital Filter
The Digital Filter sub-panel sets up the digital filter configuration options.
By default the Digital Filter sub-panel configures the system to use on-chip coefficients and test bit
stream data. The on-chip data can be overwritten by loading custom coefficients and test bit stream data
from the Customize sub-panel on the Control panel.
Any changes made under this sub-panel will not be applied to the target board until the Configure button
is pushed. The Configure button writes the new configuration to the target board and then enables the
data Capture button.
Control
Description
Channel Set
Selects the number of channels that are enabled in the digital filter. For the CS5376A
digital filter, from 1 to 4 channels can be enabled.
Output Rate
Selects the output word rate of the digital filter. Output word rates from 4000 SPS to
1 SPS (0.25 mS to 1 S) are available.
Output Filter
Selects the output filter stage from the digital filter. Sinc output, FIR1 output, FIR2
output, IIR 1st order output, IIR 2nd order output, or IIR 3rd order output can be
selected. FIR2 output provides full decimation of the modulator data.
FIR Coeff
Selects the on-chip FIR coefficient set to use in the digital filter. Linear phase or min-
imum phase FIR coefficients can be selected.
IIR Coeff
Selects the on-chip IIR coefficient set to use in the digital filter. Coefficient sets pro-
ducing a 3 Hz high-pass corner at 2000 SPS, 1000 SPS, 500 SPS, 333 SPS, and
250 SPS can be selected.
Filter Clock
Sets the digital filter internal clock rate. Lower internal clock rates can save power
when using slow output word rates.
MCLK Rate
Sets the analog sample clock rate. The CS5372 modulators and CS4373A test DAC
typically run with MCLK set to 2.048 MHz.
Configure
Writes all information from the Setup panel to the digital filter. The data Capture but-
ton becomes available once the configuration information is written to the target
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com