Electronic Components Datasheet Search
  English  ▼

X  

LM3503 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3503
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3503 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3503 Datasheet HTML 1Page - National Semiconductor (TI) LM3503 Datasheet HTML 2Page - National Semiconductor (TI) LM3503 Datasheet HTML 3Page - National Semiconductor (TI) LM3503 Datasheet HTML 4Page - National Semiconductor (TI) LM3503 Datasheet HTML 5Page - National Semiconductor (TI) LM3503 Datasheet HTML 6Page - National Semiconductor (TI) LM3503 Datasheet HTML 7Page - National Semiconductor (TI) LM3503 Datasheet HTML 8Page - National Semiconductor (TI) LM3503 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM3503
Dual-Display Constant Current LED Driver with Analog
Brightness Control
General Description
The LM3503 is a white LED driver for lighting applications.
For dual display backlighting applications, the LM3503 pro-
vides a complete solution. The LM3503 contains two internal
white LED current bypass FET (Field Effect Transistor)
switches. The white LED current can be adjusted with a DC
voltage from a digital to analog converter or RC filtered PWM
(pulse-width-modulated) signal at the Cntrl pin.
With no external compensation, cycle-by-cycle current limit,
output over-voltage protection, input under-voltage protec-
tion, and dynamic white LED current control capability, the
LM3503 offers superior performance over other step-up
white LED drivers.
Features
n
Drives up to 4, 6, 8 or 10 White LEDs for Dual Display
Backlighting
n >
80% Peak Efficiency
n
Output Voltage Protection Options: 16V, 25V, 35V & 44V
n
Input Under-Voltage Protection
n
Internal Soft Start Eliminates Inrush Current
n
1 MHz Constant-Switching Frequency
n
Analog Brightness Control
n
Wide Input Voltage Range: 2.5V to 5.5V
n
Low Profile Packages: <1 mm Height
— 10 Bump MicroSMD
— 16 Pin LLP
Applications
n
Dual-Display Display Backlighting in Portable devices
n
Cellular Phones and PDAs
Typical Application
20128662
July 2005
© 2005 National Semiconductor Corporation
DS201286
www.national.com


Similar Part No. - LM3503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503ITL-16 NSC-LM3503ITL-16 Datasheet
1Mb / 20P
Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503ITL-25 NSC-LM3503ITL-25 Datasheet
1Mb / 20P
Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Similar Description - LM3503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
Dual-Display Constant Current LED Driver with Analog Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com