Electronic Components Datasheet Search
  English  ▼

X  

LM3503 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3503
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3503 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3503 Datasheet HTML 12Page - National Semiconductor (TI) LM3503 Datasheet HTML 13Page - National Semiconductor (TI) LM3503 Datasheet HTML 14Page - National Semiconductor (TI) LM3503 Datasheet HTML 15Page - National Semiconductor (TI) LM3503 Datasheet HTML 16Page - National Semiconductor (TI) LM3503 Datasheet HTML 17Page - National Semiconductor (TI) LM3503 Datasheet HTML 18Page - National Semiconductor (TI) LM3503 Datasheet HTML 19Page - National Semiconductor (TI) LM3503 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Information (Continued)
the LM3503’s proper operation, and reduces the effect of the
LM3503 on other devices sharing the same supply voltage.
To ensure low input voltage ripple, the input capacitor must
have an extremely low ESR. As a result of the low input
voltage ripple requirement multilayer ceramic capacitors are
the best choice. A minimum capacitance of 2.0 µF is required
for normal operation, so consult the capacitor manufactur-
er’s data curves to verify whether the minimum capacitance
requirement is going to be achieved for a particular applica-
tion.
OUTPUT CAPACITOR SELECTION
The output capacitor serves as an energy reservoir for the
white LED load when the internal power FET switch (Figure
1: N1) is on or conducting current. The requirements for the
output capacitor must include worst case operation such as
when the load opens up and the LM3503 operates in over-
voltage protection (OVP) mode operation. A minimum ca-
pacitance of 0.5 µF is required to ensure normal operation.
Consult the capacitor manufacturer’s data curves to verify
whether the minimum capacitance requirement is going to
be achieved for a particular application.
Some recommended capacitor manufacturers included but
are not limited to:
Taiyo-
Yuden
GMK212BJ105MD
(0805/35V)
www.t-yuden.com
muRata
GRM40-035X7R105K
(0805/50V)
www.murata.com
TDK
C3216X7R1H105KT
(1206/50V)
www.tdktca.com
C3216X7R1C475K
(1206/16V)
AVX
08053D105MAT
(0805/25V)
www.avxcorp.com
08056D475KAT
(0805/6.3V)
1206ZD475MAT
(1206/10V)
DIODE SELECTION
To maintain high efficiency it is recommended that the aver-
age current rating (I
F or IO) of the selected diode should be
larger than the peak inductor current (I
Lpeak). At the minimum
the average current rating of the diode should be larger than
the maximum LED current. To maintain diode integrity the
peak repetitive forward current (I
FRM) must be greater than
or equal to the peak inductor current (I
Lpeak). Diodes with low
forward voltage ratings (V
F) and low junction capacitance
magnitudes (C
J or CT or CD) are conducive to high efficiency.
The chosen diode must have a reverse breakdown voltage
rating (V
R and/or VRRM) that is larger than the output voltage
(V
OUT). No matter what type of diode is chosen, Schottky or
not, certain selection criteria must be followed:
1.
V
R and VRRM > VOUT
2.
I
F or IO
≥ I
LOAD or IOUT
3.
I
FRM
≥ I
Lpeak
Some recommended diode manufacturers included but are
not limited to:
Vishay
SS12(1A/20V)
www.vishay.com
SS14(1A/40V)
SS16(1A/60V)
On
Semiconductor
MBRM120E
(1A/20V)
www.onsemi.com
MBRS1540T3
(1.5A/40V)
MBR240LT
(2A/40V)
Central
Semiconductor
CMSH1-40M
(1A/40V)
www.centralsemi.com
SHUTDOWN AND START-UP
On startup, the LM3503 contains special circuitry that limits
the peak inductor current which prevents large current
spikes from loading the battery or power supply. The
LM3503 is shutdown when both En1 and En2 signals are
less than 0.3V. During shutdown the output voltage is a
diode drop below the supply voltage. When shutdown, the
softstart is reset to prevent inrush current at the next startup.
THERMAL SHUTDOWN
The LM3503 stops regulating when the internal semiconduc-
tor junction temperature reaches approximately 140˚C. The
internal thermal shutdown has approximately 20˚C of hyster-
esis which results in the LM3503 turning back on when the
internal semiconductor junction temperature reaches 120˚C.
When the thermal shutdown temperature is reached, the
softstart is reset to prevent inrush current when the die
temperature cools.
UNDER VOLTAGE PROTECTION
The LM3503 contains protection circuitry to prevent opera-
tion for low input supply voltages. When Vin drops below
2.3V, typically, the LM3503 will no longer regulate. In this
mode, the output voltage will be one diode drop below Vin
and the softstart will be reset. When Vin increases above
2.4V, typically, the device will begin regulating again.
OVER VOLTAGE PROTECTION
The LM3503 contains dedicated ciruitry for monitoring the
output voltage. In the event that the LED network is discon-
nected from the LM3503, the output voltage will increase
and be limited to 15.5V(typ.) for the 16V version, 24V(typ.)
for the 25V version, 34V(typ.) for 35V version and 42V(typ.)
for the 44V version. (see electrical table for more details). In
the event that the network is reconnected regulation will
resume at the appropriate output voltage.
LAYOUT CONSIDERATIONS
All components, except for the white LEDs, must be placed
as close as possible to the LM3503. The die attach pad
(DAP) must be soldered to the ground plane.
The input bypass capacitor C
IN, as shown in the Typical
Application Circuit,, must be placed close to the IC and
connect between the V
IN and Pgnd pins. This will reduce
copper trace resistance which effects input voltage ripple of
the IC. For additional input voltage filtering, a 100 nF bypass
capacitor can be placed in parallel with C
IN to shunt any high
frequency noise to ground. The output capacitor, C
OUT, must
be placed close to the IC and be connected between the
V
OUT1 and Pgnd pins. Any copper trace connections for the
C
OUT capacitor can increase the series resistance, which
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com