Electronic Components Datasheet Search
  English  ▼

X  

LM3503 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3503
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3503 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3503 Datasheet HTML 10Page - National Semiconductor (TI) LM3503 Datasheet HTML 11Page - National Semiconductor (TI) LM3503 Datasheet HTML 12Page - National Semiconductor (TI) LM3503 Datasheet HTML 13Page - National Semiconductor (TI) LM3503 Datasheet HTML 14Page - National Semiconductor (TI) LM3503 Datasheet HTML 15Page - National Semiconductor (TI) LM3503 Datasheet HTML 16Page - National Semiconductor (TI) LM3503 Datasheet HTML 17Page - National Semiconductor (TI) LM3503 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application Information
WHITE LED CURRENT SETTING
The white LED current is controlled by a DC voltage at the
Cntrl pin.
The relationship between the Cntrl pin voltage and Fb pin
voltage can be computed with the following:
20128630
V
Cntrl: Cntrl Pin Voltage. Voltage Range: 0V
≤ V
Cntrl
≤ 3.5V.
V
Fb:
Feedback Pin Voltage.
LED CURRENT
The LED current is set using the following equation:
20128631
To determine the maximum output current capability of the
device, it is best to estimate using equations on page 16 and
the minimum peak current limit of the device (see electrical
table). Note the current capability will be higher with less
LEDs in the application.
Aside from varying the DC voltage at the Cntrl pin, white LED
dimming can be accomplished through the RC filtering of a
PWM signal. The PWM signal frequency should be at least a
decade greater than the RC filter bandwidth. Figure 3 is how
the LM3503 should be wired for PWM filtered white LED
dimming functionality. When using PWM dimming, it is rec-
ommended to add 1-2ms delay between the Cntrl signal and
the main Enable sginal (En1) to allow time for the output to
discharge. This will prevent potential flickering especially if
the Sub display is compose of 2 LEDs or less.
The equations below are guidelines for choosing the correct
RC filter values in relation to the PWM signal frequency.
Equation #1:
Equation #2:
F
RC:
RC Filter Bandwidth Cutoff Frequency.
F
PWM: PWM Signal Frequency.
R:
Chosen Filter Resistor.
C:
Chosen Filter Capacitor.
For example, using the above equations to determine the
proper RC values. Assume the following condition:V
IN= 3.6V,
C=0.01µF and F
PWM = 500Hz, then FRC= 50Hz by relation to
equation 2. By rearranging equation 1 to solve for R; R =
318.5K ohms (standard value, R = 316K).
WHITE LED DIMMING
20128634
FIGURE 3. If V
OUT2 is not used, En2 must be grounded
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com