Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 17Page - Texas Instruments CC1352P Datasheet HTML 18Page - Texas Instruments CC1352P Datasheet HTML 19Page - Texas Instruments CC1352P Datasheet HTML 20Page - Texas Instruments CC1352P Datasheet HTML 21Page - Texas Instruments CC1352P Datasheet HTML 22Page - Texas Instruments CC1352P Datasheet HTML 23Page - Texas Instruments CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
8.13 Zigbee and Thread - IEEE 802.15.4-2006 2.4 GHz (OQPSK DSSS1:8, 250 kbps) - TX
When measured on the LP-EM-CC1354P10-1 reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX
path. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
General Parameters
Max output power
Differential mode, delivered to a single-ended 50 Ω load through a balun
5
dBm
Output power
programmable range
Differential mode, delivered to a single-ended 50 Ω load through a balun
26
dB
Spurious emissions and harmonics
Spurious emissions
f < 1 GHz, outside restricted
bands
+5 dBm setting
< -36
dBm
f < 1 GHz, restricted bands ETSI
< -47
dBm
f < 1 GHz, restricted bands FCC
< -55
dBm
f > 1 GHz, including harmonics
< –42
dBm
Harmonics
Second harmonic
< -42
dBm
Third harmonic
< -42
dBm
IEEE 802.15.4-2006 2.4 GHz (OQPSK DSSS1:8, 250 kbps)
Error vector magnitude
+5 dBm setting
2
%
8.14 Timing and Switching Characteristics
8.14.1 Reset Timing
PARAMETER
MIN
TYP
MAX
UNIT
RESET_N low duration
1
µs
8.14.2 Wakeup Timing
Measured over operating free-air temperature with VDDS = 3.0 V (unless otherwise noted). The times listed here do not
include software overhead.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MCU, Reset to Active(1)
850 - 4000
µs
MCU, Shutdown to Active(1)
850 - 4000
µs
MCU, Standby to Active
160
µs
MCU, Active to Standby
39
µs
MCU, Idle to Active
15
µs
(1)
The wakeup time is dependent on remaining charge on VDDR capacitor when starting the device, and thus how long the device has
been in Reset or Shutdown before starting up again. The wake up time increases with a higher capacitor value.
www.ti.com
CC2674R10
SWRS268A – DECEMBER 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC2674R10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com