Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments CC1352P Datasheet HTML 26Page - Texas Instruments CC1352P Datasheet HTML 27Page - Texas Instruments CC1352P Datasheet HTML 28Page - Texas Instruments CC1352P Datasheet HTML 29Page - Texas Instruments CC1352P Datasheet HTML 30Page - Texas Instruments CC1352P Datasheet HTML 31Page - Texas Instruments CC1352P Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
8.15.1.1 Analog-to-Digital Converter (ADC) Characteristics (continued)
Tc = 25 °C, VDDS = 3.0 V and voltage scaling enabled, unless otherwise noted.(1)
Performance numbers require use of offset and gain adjustements in software by TI-provided ADC drivers.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference voltage
Fixed internal reference (input voltage scaling disabled).
For best accuracy, the ADC conversion should be initiated
through the TI-RTOS API in order to include the gain/offset
compensation factors stored in FCFG1. This value is derived
from the scaled value (4.3 V) as follows:
Vref = 4.3 V × 1408 / 4095
1.48
V
Reference voltage
VDDS as reference, input voltage scaling enabled
VDDS
V
Reference voltage
VDDS as reference, input voltage scaling disabled
VDDS /
2.82(3)
V
Input impedance
200 kSamples/s, voltage scaling enabled. Capacitive input,
Input impedance depends on sampling frequency and sampling
time
>1
MΩ
(1)
Using IEEE Std 1241-2010 for terminology and test methods
(2)
Input signal scaled down internally before conversion, as if voltage range was 0 to 4.3 V
(3)
Applied voltage must be within Absolute Maximum Ratings at all times
(4)
No missing codes
(5)
ADC_output = Σ(4n samples ) >> n, n = desired extra bits
CC2674R10
SWRS268A – DECEMBER 2022 – REVISED JUNE 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2674R10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com