Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Table 7-1. Signal Descriptions – RGZ Package (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
VDDS2
13
—
Power
1.8 V to 3.8 V DIO supply(1)
VDDS3
22
—
Power
1.8 V to 3.8 V DIO supply(1)
VDDS_DCDC
34
—
Power
1.8 V to 3.8 V DC/DC converter supply
X48M_N
46
—
Analog
48 MHz crystal oscillator pin N
X48M_P
47
—
Analog
48 MHz crystal oscillator pin P
X32K_Q1
3
—
Analog
32 kHz crystal oscillator pin 1
X32K_Q2
4
—
Analog
32 kHz crystal oscillator pin 2
(1)
For more details, see technical reference manual listed in Section 11.2.
(2)
Do not supply external circuitry from this pin.
(3)
EGP is the only ground connection for the device. Good electrical connection to device ground on printed circuit board (PCB) is
imperative for proper device operation.
(4)
If internal DC/DC converter is not used, this pin is supplied internally from the main LDO.
(5)
If internal DC/DC converter is not used, this pin must be connected to VDDR for supply from the main LDO.
(6)
Output from internal DC/DC and LDO is trimmed to 1.68 V.
7.3 Connections for Unused Pins and Modules – RGZ Package
Table 7-2. Connections for Unused Pins – RGZ Package
FUNCTION
SIGNAL NAME
PIN NUMBER
ACCEPTABLE PRACTICE(1)
PREFERRED
PRACTICE(1)
GPIO
DIO_n
5–12
14–21
26–32
36–43
NC or GND
NC
32.768 kHz crystal
X32K_Q1
3
NC or GND
NC
X32K_Q2
4
DC/DC converter(2)
DCDC_SW
33
NC
NC
VDDS_DCDC
34
VDDS
VDDS
(1)
NC = No connect
(2)
When the DC/DC converter is not used, the inductor between DCDC_SW and VDDR can be removed. VDDR and VDDR_RF must still
be connected and the 22 µF DCDC capacitor must be kept on the VDDR net.
CC2674R10
SWRS268A – DECEMBER 2022 – REVISED JUNE 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2674R10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com