Electronic Components Datasheet Search
  English  ▼

X  

INA746 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA746
Description  INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA746 Datasheet(HTML) 2 Page - Texas Instruments

  INA746 Datasheet HTML 1Page - Texas Instruments INA746 Datasheet HTML 2Page - Texas Instruments INA746 Datasheet HTML 3Page - Texas Instruments INA746 Datasheet HTML 4Page - Texas Instruments INA746 Datasheet HTML 5Page - Texas Instruments INA746 Datasheet HTML 6Page - Texas Instruments INA746 Datasheet HTML 7Page - Texas Instruments INA746 Datasheet HTML 8Page - Texas Instruments INA746 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Timing Requirements (I2C)......................................... 7
6.7 Timing Diagram ..........................................................7
7 Detailed Description........................................................8
7.1 Overview..................................................................... 8
7.2 Functional Block Diagram........................................... 8
7.3 Feature Description.....................................................8
7.4 Device Functional Modes..........................................14
7.5 Programming............................................................ 15
7.6 Register Maps...........................................................17
8 Application and Implementation.................................. 26
8.1 Application Information............................................. 26
8.2 Typical Application.................................................... 28
8.3 Power Supply Recommendations.............................30
8.4 Layout....................................................................... 30
9 Device and Documentation Support............................32
9.1 Receiving Notification of Documentation Updates....32
9.2 Support Resources................................................... 32
9.3 Trademarks...............................................................32
9.4 Electrostatic Discharge Caution................................32
9.5 Glossary....................................................................32
10 Mechanical, Packaging, and Orderable
Information.................................................................... 32
10.1 Package Option Addendum.................................... 36
10.2 Tape and Reel Information......................................37
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
July 2023
*
Initial Release
INA746
SBOSAC4 – JULY 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA746



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com