Electronic Components Datasheet Search
  English  ▼

X  

INA746 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA746
Description  INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA746 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA746 Datasheet HTML 17Page - Texas Instruments INA746 Datasheet HTML 18Page - Texas Instruments INA746 Datasheet HTML 19Page - Texas Instruments INA746 Datasheet HTML 20Page - Texas Instruments INA746 Datasheet HTML 21Page - Texas Instruments INA746 Datasheet HTML 22Page - Texas Instruments INA746 Datasheet HTML 23Page - Texas Instruments INA746 Datasheet HTML 24Page - Texas Instruments INA746 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
7.6.1.4 Temperature Measurement (DIETEMP) Register (Address = 6h) [reset = 0h]
The DIETEMP register is shown in Table 7-8.
Return to the Summary Table.
Table 7-8. DIETEMP Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DIETEMP
R
0h
Internal die temperature measurement. Two's complement value.
Conversion factor: 7.8125 m°C/LSB
7.6.1.5 Current Result (CURRENT) Register (Address = 7h) [reset = 0h]
The CURRENT register is shown in Table 7-9.
Return to the Summary Table.
Table 7-9. CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
23-4
CURRENT
R
0h
Calculated current output in Amperes. Two's complement value.
Conversion factor: 75 μA/LSB.
3-0
RESERVED
R
0h
Reserved. Always reads 0.
7.6.1.6 Power Result (POWER) Register (Address = 8h) [reset = 0h]
The POWER register is shown in Table 7-10.
Return to the Summary Table.
Table 7-10. POWER Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
POWER
R
0h
Calculated power output.
Output value in Watts.
Unsigned representation. Positive value.
Conversion factor: 240 μW/LSB.
www.ti.com
INA746
SBOSAC4 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA746



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com