Electronic Components Datasheet Search
  English  ▼

X  

INA746 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA746
Description  INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA746 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA746 Datasheet HTML 9Page - Texas Instruments INA746 Datasheet HTML 10Page - Texas Instruments INA746 Datasheet HTML 11Page - Texas Instruments INA746 Datasheet HTML 12Page - Texas Instruments INA746 Datasheet HTML 13Page - Texas Instruments INA746 Datasheet HTML 14Page - Texas Instruments INA746 Datasheet HTML 15Page - Texas Instruments INA746 Datasheet HTML 16Page - Texas Instruments INA746 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Settings for the conversion time and number of conversions averaged impact the effective measurement
resolution. For more detailed information on how averaging reduces noise and increases the effective number of
bits (ENOB) see ADC Output Data Rate and Noise Performance.
7.3.6 Integrated Precision Oscillator
The internal timebase of the device is provided by an internal oscillator that is trimmed to less than 0.5%
tolerance at room temperature. The precision oscillator is the timing source for ADC conversions, as well as
the time-count used for calculation of energy and charge. The digital filter response varies with conversion
time; therefore the precise clock ensures filter response and notch frequency consistency across temperature.
On power up, the internal oscillator and ADC take roughly 300 µs to reach <1% error stability. After the clock
stabilizes, the ADC data output will be accurate to the electrical specifications provided in Specifications.
7.3.7 Multi-Alert Monitoring and Fault Detection
The INA746 includes a multipurpose, open-drain ALERT output pin that can be used to report multiple
diagnostics, or to indicate that the ADC conversion is complete. The diagnostics listed in Table 7-1 are constantly
monitored and can be reported through the ALERT pin whenever the monitored output value crosses the
associated out-of-range threshold.
Table 7-1. ALERT Diagnostics Description
INA746 DIAGNOSTIC
STATUS BIT IN DIAG_ALRT REGISTER
(RO)
OUT-OF-RANGE
THRESHOLD
REGISTER (R/W)
REGISTER DEFAULT
VALUE
Current Under-Limit
CURRENTUL
CUL
0x8000 h
(two's complement)
Current Over-Limit
CURRENTOL
COL
0x7FFF h
(two's complement)
Bus Voltage Over-Limit
BUSOL
BOVL
0x7FFF h
(two's complement,
positive values only)
Bus Voltage Under-Limit
BUSUL
BUVL
0x0000 h
(two's complement,
positive values only)
Temperature Over-Limit
TMPOL
TEMP_LIMIT
0xFFFF h
(two's complement,
positive values only)
Power Over-Limit
POL
PWR_LIMIT
0x7FFF h
(two's complement)
A read of the DIAG_ALRT register is used to determine which diagnostic has triggered the ALERT pin. This
register, shown in Table 7-13, is also used to monitor other associated diagnostics as well as configure some
ALERT pin functions.
• Alert latch enable — In case the ALERT pin is triggered, this function will hold the value of the pin even after
all diagnostic conditions have cleared. A read of the DIAG_ALRT register will reset the status of the ALERT
pin. This function is enabled by setting the ALATCH bit.
• Conversion ready enable — Enables the ALERT pin to assert when an ADC conversion has completed and
output values are ready to be read through the digital interface. This function is enabled by setting the CNVR
bit. The conversion completed events can also be read through the CNVRF bit regardless of the CNVR bit
setting.
• Alert comparison on averaged output — Allows the out-of-range threshold value to be compared to the
averaged data values produced by the ADC. This helps to additionally remove noise from the output data
when compared to the out-of-range threshold to avoid false alerts due to noise. However, the diagnostic will
be delayed due to the time needed for averaging. This function is enabled by setting the SLOWALERT bit.
• Alert polarity — Allows the device to invert the active state of the ALERT pin. Note that the ALERT pin is an
open-drain output that must be pulled up by a resistor. The ALERT pin is active-low by default and can be
configured for active high function using the APOL control bit.
www.ti.com
INA746
SBOSAC4 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA746



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com