Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 21 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA780A Datasheet HTML 17Page - Texas Instruments INA780A Datasheet HTML 18Page - Texas Instruments INA780A Datasheet HTML 19Page - Texas Instruments INA780A Datasheet HTML 20Page - Texas Instruments INA780A Datasheet HTML 21Page - Texas Instruments INA780A Datasheet HTML 22Page - Texas Instruments INA780A Datasheet HTML 23Page - Texas Instruments INA780A Datasheet HTML 24Page - Texas Instruments INA780A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Table 7-6. ADC_CONFIG Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-3
TCT
R/W
5h
Sets the conversion time of the temperature measurement. Works
in conjunction with the shunt voltage conversion time for current
measurements. Total conversion time for a current measurement is
the sum of VSENCT and TCT selections.
0h = 50 µs
1h = 84 µs
2h = 150 µs
3h = 280 µs
4h = 540 µs
5h = 1052 µs
6h = 2074 µs
7h = 4120 µs
2-0
AVG
R/W
0h
Selects ADC sample averaging count. The averaging setting applies
to all active inputs.
When >0h, the output registers are updated after the averaging has
completed.
0h = 1
1h = 4
2h = 16
3h = 64
4h = 128
5h = 256
6h = 512
7h = 1024
7.6.1.3 Bus Voltage Measurement (VBUS) Register (Address = 5h) [reset = 0h]
The VBUS register is shown in Table 7-7.
Return to the Summary Table.
Table 7-7. VBUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
VBUS
R
0h
Bus voltage output. Two's complement value, however always
positive.
Conversion factor: 3.125 mV/LSB
www.ti.com
INA780A, INA780B
SBOSAB6 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com