Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 28 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA780A Datasheet HTML 24Page - Texas Instruments INA780A Datasheet HTML 25Page - Texas Instruments INA780A Datasheet HTML 26Page - Texas Instruments INA780A Datasheet HTML 27Page - Texas Instruments INA780A Datasheet HTML 28Page - Texas Instruments INA780A Datasheet HTML 29Page - Texas Instruments INA780A Datasheet HTML 30Page - Texas Instruments INA780A Datasheet HTML 31Page - Texas Instruments INA780A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Upon overflow, the ENERGY register will roll over and start from zero. This register value can also be reset at
any time by setting the RSTACC bit in the CONFIG register.
An overflow event in the CHARGE register is indicated by the CHARGEOF bit. If an overflow condition occurs,
the CHARGE register needs to be manually reset by setting the RSTACC bit in the CONFIG register.
For a design example using these equations refer to Detailed Design Procedure.
8.1.2 ADC Output Data Rate and Noise Performance
The INA780x noise performance and effective resolution depend on the ADC conversion time. The device
also supports digital averaging which can further help decrease digital noise. The flexibility of the device to
select ADC conversion time and data averaging offers increased signal-to-noise ratio and achieves the highest
dynamic range with lowest offset. The profile of the noise at lower signals levels is dominated by the system
noise that is comprised mainly of 1/f noise or white noise. The INA780x effective resolution of the ADC can be
increased by increasing the conversion time and increasing the number of averages.
Table 8-2 summarizes the output data rate conversion settings supported by the device. The fastest conversion
setting is 50 µs. Typical noise-free resolution is represented as Effective Number of Bits (ENOB) based on
device measured data. The ENOB is calculated based on noise peak-to-peak values, which assures that full
noise distribution is taken into consideration.
Table 8-2. INA780x Noise Performance
ADC CONVERSION TIME
PERIOD [µs]
OUTPUT SAMPLE AVERAGING
[SAMPLES]
OUTPUT SAMPLE PERIOD [ms]
NOISE-FREE ENOB
CURRENT MEASUREMENT
50
1
0.05
10.4
84
0.084
10.4
150
0.15
11.1
280
0.28
11.7
540
0.54
12.4
1052
1.052
12.9
2074
2.074
13.1
4120
4.12
13.7
50
4
0.2
11.3
84
0.336
11.5
150
0.6
12.2
280
1.12
12.9
540
2.16
13.4
1052
4.208
13.7
2074
8.296
14.7
4120
16.48
14.7
50
16
0.8
12.2
84
1.344
13.1
150
2.4
13.4
280
4.48
13.7
540
8.64
14.1
1052
16.832
14.7
2074
33.184
15.7
4120
65.92
15.7
INA780A, INA780B
SBOSAB6 – JULY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com