Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 12 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA780A Datasheet HTML 8Page - Texas Instruments INA780A Datasheet HTML 9Page - Texas Instruments INA780A Datasheet HTML 10Page - Texas Instruments INA780A Datasheet HTML 11Page - Texas Instruments INA780A Datasheet HTML 12Page - Texas Instruments INA780A Datasheet HTML 13Page - Texas Instruments INA780A Datasheet HTML 14Page - Texas Instruments INA780A Datasheet HTML 15Page - Texas Instruments INA780A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
The INA780x measures the die temperature, current, and bus voltage. An internal temperature measurement is
made before each current measurement. Temperature compensation is then applied to the current measurement
to achieve low drift performance. The MODE bits setting in the ADC_CONFIG register permit selecting modes
to convert only the current or bus voltage to further allow the user to configure the monitoring function to fit
the specific application requirements. After an ADC conversion is complete, the converted values independently
update in their corresponding registers where they can be read through the digital interface at the time of
conversion end if no averaging is selected. The conversion time for shunt voltage, bus voltage, and temperature
inputs are set independently from 50 µs to 4.12 ms depending on the values programmed in the ADC_CONFIG
register. The value for current is calculated after both the temperature and shunt voltage measurements are
made. The total time to get the current measurement is the sum of the conversion times for these two
parameters. Enabled measurement inputs are converted sequentially, which means the total time to convert
all inputs depends on the conversion time for each input and the number of inputs enabled. When averaging
is used, the intermediate values are subsequently stored in an averaging accumulator, and the conversion
sequence repeats until the number of averages is reached. After all of the averaging is complete, the final
values are updated in the corresponding registers that can then be read. These values remain in the data output
registers until they are replaced by the next fully completed conversion results. In this case, reading the data
output registers does not affect a conversion in progress.
The ADC has two conversion modes—continuous and triggered—set by the MODE bits in the ADC_CONFIG
register. In continuous-conversion mode, the ADC will continuously convert the input measurements and update
the output registers as described above in an indefinite loop. In triggered-conversion mode, the ADC will convert
the input measurements as described above, after which the ADC will go into shutdown mode until another
single-shot trigger is generated by writing to the MODE bits. Writing the MODE bits will interrupt and restart
triggered or continuous conversions that are in progress. The values from the device can be read at any time
because data from the last conversion remains available until the next conversion is complete. The Conversion
Ready flag is set after all conversions and averaging are complete.
The Conversion Ready flag (CNVRF) clears under these conditions:
• Writing to the ADC_CONFIG register (except for selecting shutdown mode); or
• Reading the DIAG_ALRT Register
While the INA780x device is used in either one of the conversion modes, a dedicated digital engine is calculating
the current, power, charge and energy values in the background as described in Internal Measurement
and Calculation Engine. In triggered mode, the accumulation registers (ENERGY and CHARGE) are invalid,
as the device does not keep track of elapsed time. For applications that require critical measurements in
regards to accumulation of time for energy and charge measurements, the device must be configured to use
continuous conversion mode, as the accumulated results are continuously updated and can provide true system
representation of charge and energy consumption in a system. All of the calculations are performed in the
background and do not contribute to conversion time.
For applications that must synchronize with other components in the system, the INA780x conversion can be
delayed by programming the CONVDLY bits in the CONFIG register in the range between 0 ms (no delay)
and 510 ms. The resolution in programming the conversion delay is 2 ms. The conversion delay is set to 0
ms by default. Conversion delay can assist in measurement synchronization when multiple external devices
are used for voltage or current monitoring purposes. In applications where time-aligned voltage and current
measurements are needed, two devices can be used with the current measurement delayed such that the
external voltage and current measurements will occur at approximately the same time. Keep in mind that even
though the internal time base for the ADC is precise, synchronization will be lost over time due to internal and
external time base mismatch.
7.3.5.1 Low Latency Digital Filter
The device integrates a low-pass digital filter that performs both decimation and filtering on the ADC output
data, which helps with noise reduction. The digital filter is automatically adjusted for the different output data
rates and always settles within one conversion cycle. The user has the flexibility to choose different output
conversion time periods TCT from 50 µs to 4.12 ms. With this configuration the first amplitude notch appears
at the Nyquist frequency of the output signal which is determined by the selected conversion time period and
defined as fNOTCH= 1 / (2 x TCT). This means that the filter cut-off frequency will scale proportionally with the
INA780A, INA780B
SBOSAB6 – JULY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com