Electronic Components Datasheet Search
  English  ▼

X  

9324 Datasheet(PDF) 1 Page - Leach International Corporation

Part # 9324
Description  RELAY NONLATCH 3PST/NO, 25 AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9324 Datasheet(HTML) 1 Page - Leach International Corporation

  9324 Datasheet HTML 1Page - Leach International Corporation 9324 Datasheet HTML 2Page - Leach International Corporation 9324 Datasheet HTML 3Page - Leach International Corporation 9324 Datasheet HTML 4Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9324
RELAY NONLATCH
3PST/NO, 25 AMP
(714) 736-7598
• leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 5/2019.
1 / 4
• Polarized, nonlatching hermetically sealed relay
• Contact arrangement
3PST/NO
• Designed to the
performance standards of
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
• Contacts rated for
28 Vdc; 115 Vac, 400 Hz, 1 Ø
and
115/200 Vac, 400 Hz, 3 Ø @400 Vac 60 Hz DELTA
• Weight
0.80 lbs. max
• Dimensions
1.46 x 2.5 x 2.45 in. max
• Balanced-force design, all welded construction
• Hermetically sealed, corrosion protected metal can
• No make before break
• Special models available upon request
Application Notes:
101
102
103E
007
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type
Load current in Amps
28 VDC
115 Vac
/400Hz
115/200 Vac
400 Hz, 3Ø
120/208 Vac
50/60 Hz
1 & 3 Ø
@400 Vac
60 Hz
DELTA
Resistive
25A
25A
25A
25A
3.5A
Inductive
15A
25A
25A
25A
-
Motor
20A
20A
20A
12A
-
Lamp
10A
10A
10A
10A
-
Resistive overload
80A
120A
120A
-
-
Rupture resistive
100A
150A
150A
-
-


Similar Part No. - 9324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9324 NSC-9324 Datasheet
118Kb / 6P
5-Bit Comparator
logo
3M Electronics
9324 3M-9324 Datasheet
176Kb / 2P
UHMW Polyethylene Tape
Jul-2016
logo
Keystone Electronics Co...
9324 KEYSTONE-9324 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9324 HEYCO-9324 Datasheet
98Kb / 1P
Snap Rivets – continued
9324 HEYCO-9324 Datasheet
152Kb / 2P
Snap Rivets
More results

Similar Description - 9324

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
9325 LEACH-9325 Datasheet
1Mb / 10P
RELAY CENTER OFF LOAD TRANSFER 3PST/NO, 25 AMP
9339 LEACH-9339 Datasheet
505Kb / 5P
RELAY – NONLATCH 25 AMP, 3PST/NO AUX
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
RELAY – NONLATCH 3PDT, 25 AMP
KD-A4A LEACH-KD-A4A Datasheet
640Kb / 5P
RELAY – NONLATCH 3PST/NOAUX, 25 AMP
KDA LEACH-KDA Datasheet
384Kb / 5P
RELAY – NONLATCH 3PST/NO AUX, 25 AMP
KDL LEACH-KDL Datasheet
672Kb / 5P
RELAY – LATCH 3PST/NO AUX, 25 AMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com