Electronic Components Datasheet Search
  English  ▼

X  

9324 Datasheet(PDF) 2 Page - Leach International Corporation

Part # 9324
Description  RELAY NONLATCH 3PST/NO, 25 AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9324 Datasheet(HTML) 2 Page - Leach International Corporation

  9324 Datasheet HTML 1Page - Leach International Corporation 9324 Datasheet HTML 2Page - Leach International Corporation 9324 Datasheet HTML 3Page - Leach International Corporation 9324 Datasheet HTML 4Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9324
RELAY NONLATCH
3PST/NO, 25 AMP
2 / 4
COIL CHARACTERISTICS (Vdc)
GENERAL CHARACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
COIL DATA
28 Vdc
115 Vac 400 Hz
115 Vac
50/60 Hz
Suppressed Vdc
Nominal operating voltage
28
115
115
28
Maximum operating voltage
29
128
124
29
Maximum Pick-up voltage @ +125° C
18
95
95
18
Drop-out voltage, max
7
40
40
7
Coil resistance Ω ± 10% at +25° C
160
-
-
160
Coil current max. mA at +25° C
-
55
60
-
Temperature range
-70°C to +125°C
Dielectric strength at sea level all points
All circuits to ground and circuit to circuit
1500 Vrms / 50 Hz
Coil to ground
1250 Vrms / 50 Hz
Dielectric strength at altitude 80,000 ft
500 Vrms / 50Hz
(250 Vrms gasket compressed)
Insulation resistance
Initial (500 Vdc)
100 M Ω min
Sinusoidal vibration
10G (55 to 1500 Hz)
Mechanical shock
50 G / 11 ms
Maximum contact opening time under vibration and shock
10 μ sec
Operate time at nominal voltage
DC
20 ms max
AC
20 ms max
Release time at nominal voltage
DC
10 ms max
AC
50 ms max
Contact make bounce at nominal voltage
2 ms max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com