Electronic Components Datasheet Search
  English  ▼

X  

9324 Datasheet(PDF) 4 Page - Leach International Corporation

Part # 9324
Description  RELAY NONLATCH 3PST/NO, 25 AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9324 Datasheet(HTML) 4 Page - Leach International Corporation

  9324 Datasheet HTML 1Page - Leach International Corporation 9324 Datasheet HTML 2Page - Leach International Corporation 9324 Datasheet HTML 3Page - Leach International Corporation 9324 Datasheet HTML 4Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9324
RELAY NONLATCH
3PST/NO, 25 AMP
4 / 4
SCHEMATIC DIAGRAM
NUMBERING SYSTEM
TERMINAL
MOUNTING
28 VDC
SUPPRESSED
28 VDC
115 VAC, 400 HZ
115 VAC, 60 HZ
Solder Hook
Stud
9324-8214
MS27418-1B
9324-10314
MS27418-1D
9324-8215
MS27418-1A
9324-10126
MS27418-1C
Screw
Bracket
9324-7424
MS27418-2B
9324-10315
MS27418-2D
9324-8213
MS27418-2A
9324-7871
9324-10128
MS27418-2C
*Specials available upon request, please contact factory.
NOTES
1.
Isolation spacer pads for PCB mounting available on request.
2.
For other mounting styles or terminal types, please contact the factory
3.
Qualification and quality levels : Contact the factory
4.
Coil time constant L/R : 11ms
5.
Relay will not be damaged by applying reverse voltage to the coil although the relay may transfer.
6.
Suppressed coils have back EMF suppression to 42 Volts.
For any inquiries, please contact your local sales representative: leachcorp.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com