Electronic Components Datasheet Search
  English  ▼

X  

9339 Datasheet(PDF) 1 Page - Leach International Corporation

Part # 9339
Description  RELAY – NONLATCH 25 AMP, 3PST/NO AUX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9339 Datasheet(HTML) 1 Page - Leach International Corporation

  9339 Datasheet HTML 1Page - Leach International Corporation 9339 Datasheet HTML 2Page - Leach International Corporation 9339 Datasheet HTML 3Page - Leach International Corporation 9339 Datasheet HTML 4Page - Leach International Corporation 9339 Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
9339
RELAY – NONLATCH
25 AMP, 3PST/NO + AUX
(714) 736-7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 5/2019.
1 / 5
• Balanced armature, nonlatching hermetically sealed relay
• Contact arrangement
3 PST configuration with 1PDT,
2 Amp auxiliary contacts
• Coil Supply
Direct or alternating current
• Qualified or in accordance with
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
•
Contacts rated at
28 Vdc; 115 Vac, 60 Hz and 400
Hz, 1 Ø; 115/200 Vac, 400 Hz, 3Ø
and 60 Hz
• Weight
0.44 lbs. max
•
Dimensions
1.53 x 1.53 x 2.06 in. max
•
Balanced-force design, all welded construction
•
Hermetically sealed, corrosion protected metal can
•
No make before break
•
Special models available upon request
Application Notes:
101
102
103E
007
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 VDC
115 Vac
400Hz
115/200 Vac
400 Hz, 3Ø
120/208 Vac
50/60 Hz
1 & 3 Ø
Resistive [1]
25
25
25
25
Inductive [2]
15
25
25
25
Motor
20
20
20
12
Lamp
10
10
10
10
Overload
80
120
120
-
Rupture
100
150
150
-
Contact rating, Auxiliary contacts
At 28 Vdc or 115 Vac 400 Hz
Resistive
2 Amp
Inductive
1 Amp
Lamp
0.5 Amp


Similar Part No. - 9339

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9339 KEYSTONE-9339 Datasheet
255Kb / 1P
6-32 PAN HEAD SCREW
9339 KEYSTONE-9339 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Knowles Capacitors All ...
933984 JOHANSONMANUFACTURING-933984 Datasheet
575Kb / 3P
Cavity Bandpass Filter
KPD_11_2022
More results

Similar Description - 9339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
9324 LEACH-9324 Datasheet
484Kb / 4P
RELAY NONLATCH 3PST/NO, 25 AMP
9325 LEACH-9325 Datasheet
1Mb / 10P
RELAY CENTER OFF LOAD TRANSFER 3PST/NO, 25 AMP
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
RELAY – NONLATCH 3PDT, 25 AMP
KD-A4A LEACH-KD-A4A Datasheet
640Kb / 5P
RELAY – NONLATCH 3PST/NOAUX, 25 AMP
KDA LEACH-KDA Datasheet
384Kb / 5P
RELAY – NONLATCH 3PST/NO AUX, 25 AMP
KDL LEACH-KDL Datasheet
672Kb / 5P
RELAY – LATCH 3PST/NO AUX, 25 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com