Electronic Components Datasheet Search
  English  ▼

X  

9339 Datasheet(PDF) 2 Page - Leach International Corporation

Part # 9339
Description  RELAY – NONLATCH 25 AMP, 3PST/NO AUX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9339 Datasheet(HTML) 2 Page - Leach International Corporation

  9339 Datasheet HTML 1Page - Leach International Corporation 9339 Datasheet HTML 2Page - Leach International Corporation 9339 Datasheet HTML 3Page - Leach International Corporation 9339 Datasheet HTML 4Page - Leach International Corporation 9339 Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
9339
RELAY – NONLATCH
25 AMP, 3PST/NO + AUX
2 / 5
COIL CHARACTERISTICS (Vdc)
GENERAL CHARACTERISTICS
COIL DATA
Vdc
115 Vac
400 Hz [3]
115 Vac
Suppressed
Vdc [7]
Nominal operating voltage
28
115
115
28
Maximum operating voltage
29
122
122
29
Maximum Pick-up voltage @ +125° C
18
95
95
18
Drop-out voltage, max
7
40
40
7.0
Coil resistance Ω ± 10% at +25° C
160
-
-
160
Coil current max. mA at +25° C
-
55
60
-
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load
50,000
Minimum operating cycles (life) at 25% rated load
200,000
Dielectric strength at sea level all points
All circuits to ground and circuit to circuit
1,500 Vrms / 50 Hz
Coil to ground
1,250 Vrms
Auxiliary contact gap
1,000 Vrms
Dielectric strength at altitude 80,000 ft
500 Vrms [5]
250 Vrms Aux. contacts
Insulation resistance
Initial (500 Vdc)
100 M Ω min
After environmental tests (500 Vdc)
50 M Ω min
Sinusoidal vibration [6]
0.08 DA (5 to 10 Hz)
0.06 DA (10 to 55 Hz)
10 G (55 to 1500 Hz)
Acceleration
10 G
Shock: No contact opening in excess of 2 ms
50 G for 11 ms
Maximum contact opening time under vibration
10 μs
Operate time at nominal voltage & 25°C
DC
20 ms max
AC
25 ms max
Release time at nominal voltage & 25°C
DC [9]
10 ms max
AC
50 ms max
Contact bounce at nominal voltage
Power contacts
2 ms msx
Auxiliary contacts
4 ms max
Dimensions in inches
Tolerances, unless otherwise specified
XXX ± .010
XX ± .03



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com