Electronic Components Datasheet Search
  English  ▼

X  

9339 Datasheet(PDF) 5 Page - Leach International Corporation

Part # 9339
Description  RELAY – NONLATCH 25 AMP, 3PST/NO AUX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9339 Datasheet(HTML) 5 Page - Leach International Corporation

  9339 Datasheet HTML 1Page - Leach International Corporation 9339 Datasheet HTML 2Page - Leach International Corporation 9339 Datasheet HTML 3Page - Leach International Corporation 9339 Datasheet HTML 4Page - Leach International Corporation 9339 Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
9339
RELAY – NONLATCH
25 AMP, 3PST/NO + AUX
5 / 5
NOTES
1. Standard Intermediate current test applicable.
2. DC inductive load 10,000 cycles min., AC inductive load 20,000 cycles.
3. May be used on 115 Vac, 60 Hz if max. ambient temperature is limited to +85° C.
4. Military approvals - M6106/41.
5. May be at sea level values if suitably insulated after installation and wiring.
6. Special units available - Consult factory.
7. Suppressed coils have back EMF suppression to 42 Volts.
8. Applicable military specification: MIL-PRF-6106.
9. Release time is 0.015 sec max. @ 25° C with nominal 28 Vdc coil voltage and coil suppression.
For any inquiries, please contact your local sales representative: leachcorp.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com