Electronic Components Datasheet Search
  English  ▼

X  

CDB61880 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB61880
Description  Octal E1 Line Interface Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61880 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB61880 Datasheet HTML 1Page - Cirrus Logic CDB61880 Datasheet HTML 2Page - Cirrus Logic CDB61880 Datasheet HTML 3Page - Cirrus Logic CDB61880 Datasheet HTML 4Page - Cirrus Logic CDB61880 Datasheet HTML 5Page - Cirrus Logic CDB61880 Datasheet HTML 6Page - Cirrus Logic CDB61880 Datasheet HTML 7Page - Cirrus Logic CDB61880 Datasheet HTML 8Page - Cirrus Logic CDB61880 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CDB61880
DS450DB1
5
2. BOARD COMPONENT DESCRIPTIONS
2.1 Power Connections
Power for the CDB61880 evaluation board is sup-
plied by an external +3.3 V DC power supply. A +5
V DC power supply can also be connected to the
on-board control logic. The LED labeled “D3” will
illuminate when power is supplied to the on-board
control logic.
- Connect the +3.3 VDC power supply to the +3
V binding post and the +5 VDC power supply to
the +5 V binding post if 5 Volt logic is required
- Jumper J13 shown in Figure 2 allows all the
external logic on the evaluation board to be
connected to either +3 V or +5 V binding post.
- To measure the current consumption of only
the CS61880 device, place a short block on
Jumper J13 to connect the Vlogic power
supplies to the +5 V binding post. This will
isolate the CS61880 device from all the on-
board logic, to allow the current measurement
to be made at the +3 V binding post.
2.2 Master Clock Selection
In both Hardware and Host modes, the MCLK pin
is configured by placing a short block on one of the
positions of bed stake header J1. Figure 3 shows
the different positions of the J1 bed stake header.
- A 2.048 MHz clock oscillator is provided on the
evaluation board for use as the on-board clock
source for all E1 modes.
- A BNC connector (labeled J16) provides the
connection for an external clock source.
J1 3
3 V
5 V
O n -board logic c onn ec te d
to + 3 V binding pos t
O n -board logic c onn ec te d
to + 5 V binding pos t
V L OGIC
J1 3
3 V
5 V
V L OGIC
Figure 2. On-board Logic Power Selection
MCLK
J1
Data Recovery Mode
MCLK
J1
External Clock Source
J1
Receivers Powered Down
J1
On-board Oscillator
MCLK
MCLK
Figure 3. Master Clock Selections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com