Electronic Components Datasheet Search
  English  ▼

X  

CDB61880 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB61880
Description  Octal E1 Line Interface Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61880 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB61880 Datasheet HTML 1Page - Cirrus Logic CDB61880 Datasheet HTML 2Page - Cirrus Logic CDB61880 Datasheet HTML 3Page - Cirrus Logic CDB61880 Datasheet HTML 4Page - Cirrus Logic CDB61880 Datasheet HTML 5Page - Cirrus Logic CDB61880 Datasheet HTML 6Page - Cirrus Logic CDB61880 Datasheet HTML 7Page - Cirrus Logic CDB61880 Datasheet HTML 8Page - Cirrus Logic CDB61880 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2002
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CDB61880
Octal E1 Line Interface Evaluation Board
Features
Socketed CS61880 Octal Line Interface Unit
Binding post connectors for power and line
interface connections
Components supplied for all operational
modes E1 75
Ω and E1 120 Ω
Socketed termination circuitry for easy
testing
Connector for IEEE 1149.1 JTAG Boundary
Scan
LED Indicators for Loss of Signal (LOS) and
power
Supports Hardware, Serial, and Parallel Host
Modes
Easy-to-use evaluation software
On-board socketed reference clock oscillator
Description
The CS61880 evaluation board is used to demonstrate
the functions of a CS61880 Octal Line Interface Unit in
either E1 75
Ω or E1 120 Ω.
The evaluation board can be operated in either Hard-
ware mode or Host mode. In Hardware mode, switches
and bed stake headers are used to control the line con-
figuration and channel operations for all eight channels.
In Host mode (Serial or Parallel), the evaluation soft-
ware, switches, and bed stake headers are used to
control the line configuration and operating mode set-
tings for each channel.
In both Hardware and Host modes, the board may be
configured for E1 75
Ω or E1 120 Ω operating modes. In
both modes binding post connectors provide easy con-
nections between the line interface connections of the
CS61880 and any E1 analyzing equipment, which may
be used to evaluate the CS61880 device. Bed stake
headers allow easy access to each channel’s clock and
data I/O digital interface.
Eight LED indictors display the Loss of Signal (LOS)
conditions for each channel during Hardware and Host
modes. An LED indictor is used on the Interrupt pin to in-
dicate a change of state.
Note: Click on any text in blue to go to cross-references
ORDERING INFORMATION
CS61880-IQ
-40° to 85° C
144-pin LQFP
CDB61880
Evaluation Board
MAR ‘02
DS450DB1


Similar Part No. - CDB61880

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
More results

Similar Description - CDB61880

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
OCTAL E1 LINE INTERFACE UNIT
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
Octal E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com