Electronic Components Datasheet Search
  English  ▼

X  

CDB61880 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CDB61880
Description  Octal E1 Line Interface Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61880 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CDB61880 Datasheet HTML 2Page - Cirrus Logic CDB61880 Datasheet HTML 3Page - Cirrus Logic CDB61880 Datasheet HTML 4Page - Cirrus Logic CDB61880 Datasheet HTML 5Page - Cirrus Logic CDB61880 Datasheet HTML 6Page - Cirrus Logic CDB61880 Datasheet HTML 7Page - Cirrus Logic CDB61880 Datasheet HTML 8Page - Cirrus Logic CDB61880 Datasheet HTML 9Page - Cirrus Logic CDB61880 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CDB61880
6
DS450DB1
2.3 Operating Mode Selection
The operating mode for the CS61880 can be select-
ed by setting switch S15 to one of the positions
shown in Figure 4.
2.4 Line Interface Connections
In both hardware and host modes, the receive line
signals (RTIP/RRING) are connected to the bind-
ing post labeled RXT 0-7 and RXR 0-7. The line
signals from the binding posts are coupled to the
device through two octal transformers (T1 and T9).
The receivers of the device use external resistors to
match the line impedance. These resistors are sock-
eted for ease in changing the line impedance, for in-
ternal or external line impedance matching. During
internal line impedance matching mode, the resis-
tor values are the same (15
Ω) for all modes of op-
eration: E1 75
Ω and E1 120 Ω. During external
line impedance matching mode the receiver resis-
tors need to be change to the values shown in
Table 1.
The jumpers listed in Table 2 are used to place or
bypass 1 K
Ω protection resistors in series with the
receive line signals (RTIP/RRING). These resis-
tors are used for receiver protection while in exter-
nal line impedance matching mode and should not
be used during internal line impedance matching
mode. To place the 1 K
Ω resistors in series with the
receive line signals, remove the short blocks from
each of the jumpers described in Table 2. To by-
pass the 1 K
Ω resistors, place a short block on each
jumper shown in Table 2.
The transmit line signals (TTIP/TRING) from the
device are coupled to the line binding post (TXT 0-
7 and TXR 0-7) through two octal transformers (T1
and T9). External protection circuitry such as di-
odes or chokes are recommended for protection.
For further information on line protection refer to
Application Note AN34, Secondary Line Protec-
tion for T1 and E1 Line Cards (AN34REV1 SEP
'94).
2.5 TXOE Selection
Jumper J23 is used to enable or High-Z all eight
transmitters in both hardware and host mode. A
shorting block on Jumper J23 places all the trans-
Table 1. External Impedance Resistor Values
E1 75
Ω
Ω
Ω
Ω
E1 120
Ω
Ω
Ω
Ω
9.31
Ω
15
Ω
S15
Hardware
Serial Host
Parallel Host
Selects
Hardware Mode
Selects Serial
Host Mode
Selects Parallel
Host Mode
MODE
S15
Hardware
Serial Host
Parallel Host
S15
Hardware
Serial Host
Parallel Host
MODE
MODE
Figure 4. Hardware/Host Mode Selection
Table 2. Protection Resistor Selection
Jumper
Description
J29
Channel 0 RRING signal
J30
Channel 0 RTIP Signal
J37
Channel 1 RTIP Signal
J38
Channel 1 RRING Signal
J46
Channel 2 RRING Signal
J47
Channel 2 RTIP Signal
J54
Channel 3 RTIP Signal
J55
Channel 3 RRING Signal
J65
Channel 4 RRING Signal
J66
Channel 4 RTIP Signal
J73
Channel 5 RTIP Signal
J74
Channel 5 RRING Signal
J81
Channel 6 RRING Signal
J82
Channel 6 RTIP Signal
J89
Channel 7 RTIP Signal
J90
Channel 7 RRING Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com