Electronic Components Datasheet Search
  English  ▼

X  

MCP2122 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP2122
Description  Infrared Encoder/Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2122 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP2122 Datasheet HTML 26Page - Microchip Technology MCP2122 Datasheet HTML 27Page - Microchip Technology MCP2122 Datasheet HTML 28Page - Microchip Technology MCP2122 Datasheet HTML 29Page - Microchip Technology MCP2122 Datasheet HTML 30Page - Microchip Technology MCP2122 Datasheet HTML 31Page - Microchip Technology MCP2122 Datasheet HTML 32Page - Microchip Technology MCP2122 Datasheet HTML 33Page - Microchip Technology MCP2122 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS21894B-page 31
MCP2122
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device
MCP2122: Infrared Encoder/Decoder
Temperature Range
E
= -40
°C to +125°C
Package
P
= Plastic DIP (300 mil, Body), 8-lead
SN = Plastic SOIC (150 mil, Body), 8-lead
Lead Finish
G
= Matte Tin (Pure Sn)
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP2122-E/PG:
Extended Temperature,
PDIP package, Pb-free
b)
MCP2122-E/SNG:
Extended Temperature,
SOIC package, Pb-free
c)
MCP2122T-E/SNG: Tape and Reel,
Extended Temperature,
SOIC package. Pb-free
X
Lead Finish
–
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com