| Electronic Components Datasheet Search |
|
MCP2122 Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2122 Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 34 page ![]() 2004 Microchip Technology Inc. Preliminary DS21894B-page 7 MCP2122 2.4 16XCLK (Bit Clock) The MCP2122 requires an external clock source to operate. The 16XCLK pin is the device clock input (see Figure 2-5) and is independent of the host UART interface or the IR interface. The 16XCLK determines all timing during device operation. It is the edge of the 16XCLK pin that causes activity to occur. The 16XCLK signal can also be referred to as a bit clock (BITCLK). There are 16 BITCLKs for each bit time. The BITCLKs are used for the generation of the Start bit, the eight data bits and the Stop bit. When the embedded system could be receiving IR communication, the MCP2122 is required to have the 16XCLK signal clocking at the expected frequency, with minimal variation in that frequency. Between data bytes (Stop bit to Start bit), the 16XCLK frequency can be changed. This may occur in systems where the Host Controller is implementing one of the IrDA standard application layer protocols (such as IrObex). When the embedded system does not want to receive IR communications, the 16XCLK clock can be disabled (static). This will reduce the power consumption of the system. Figure 2-6 shows the relationship of the 16XCLK signal to the RXIR input, which then determines the RX output signal. Figure 2-7 shows the relationship of the 16XCLK signal to the TX input, which then determines the TXIR output signal. For device timing information, refer to Section 4.0 “Electrical Characteristics”. FIGURE 2-5: DEVICE CLOCK SOURCE FIGURE 2-6: 16XCLK AND RX/RXIR FIGURE 2-7: 16XCLK AND TX/TXIR MCP2122 16XCLK 16XCLK RXIR RX 16 16XCLK 16 16XCLK ≤ 3 CLK 16 16XCLK Bit A Bit B (input) (output) (input) 3 CLK ( ≤ ~ 4 µs) 16XCLK TX TXIR 16 16XCLK 16 16XCLK 16 16XCLK Bit A Bit B (input) (output) (input) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |