Electronic Components Datasheet Search
  English  ▼

X  

MCP2122 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2122
Description  Infrared Encoder/Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2122 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2122 Datasheet HTML 2Page - Microchip Technology MCP2122 Datasheet HTML 3Page - Microchip Technology MCP2122 Datasheet HTML 4Page - Microchip Technology MCP2122 Datasheet HTML 5Page - Microchip Technology MCP2122 Datasheet HTML 6Page - Microchip Technology MCP2122 Datasheet HTML 7Page - Microchip Technology MCP2122 Datasheet HTML 8Page - Microchip Technology MCP2122 Datasheet HTML 9Page - Microchip Technology MCP2122 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP2122
DS21894B-page 6
Preliminary
 2004 Microchip Technology Inc.
2.3.1
BROWN-OUTS
Some applications may subject the MCP2122 to a
brown-out condition. Good design practice requires
that when a system is in brown-out, the system should
be in reset to ensure that the system is in a known
state when the system exits the brown-out. This
brown-out circuitry is external to the MCP2122.
2.3.1.1
External Brown-Out Reset Circuits
Figure 2-2 shows a circuit for external brown-out
protection using the TCM809 device.
Figure 2-3 and Figure 2-4 illustrate two examples of
external circuitry that may be implemented. Each
option needs to be evaluated to determine if they
satisfy the requirements of the application.
FIGURE 2-2:
EXTERNAL BROWN-OUT
PROTECTION USING THE
TCM809
FIGURE 2-3:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 2-4:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
VSS
RST
TCM809
VDD
MCP2122
VDD
RESET
Note 1: Resistors should be adjusted for the
characteristics of the transistor.
2: This circuit will activate reset when
VDD goes below (Vz + 0.7V),
where Vz = Zener voltage.
VDD
33 k
Ω
10 k
Ω
40 k
Ω
VDD
RESET
MCP2122
Q1
R2
40 k
Ω
VDD
RESET
MCP2122
R1
Q1
VDD
Note 1: This circuit is less expensive, but
less accurate. Transistor Q1 turns
off when VDD is below a certain level
such that:
2: Resistors should be adjusted for the
characteristics of the transistor.
VDD •
R1
R1 + R2
= 0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com