Electronic Components Datasheet Search
  English  ▼

X  

CDB3318 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CDB3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB3318 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CDB3318 Datasheet HTML 31Page - Cirrus Logic CDB3318 Datasheet HTML 32Page - Cirrus Logic CDB3318 Datasheet HTML 33Page - Cirrus Logic CDB3318 Datasheet HTML 34Page - Cirrus Logic CDB3318 Datasheet HTML 35Page - Cirrus Logic CDB3318 Datasheet HTML 36Page - Cirrus Logic CDB3318 Datasheet HTML 37Page - Cirrus Logic CDB3318 Datasheet HTML 38Page - Cirrus Logic CDB3318 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
DS693F1
35
CS3318
7.5.2
Zero-Crossing Mode (Bits 1:0)
Default = 01
Function:
These bits control the Zero-Crossing detection mode as shown in Table 9. Refer to the “Zero-Cross-
ing Modes” section on page 22 for more information.
7.6
Channel Power - Address 0Dh
7.6.1
Power Down Channel X (Bit 0 - 7)
Default = 0
Function:
Each respective channel will enter a low-power state whenever this bit is set. A channel’s power-down
bit must be cleared for normal operation to occur.
7.7
Master Power - Address 0Eh
7.7.1
Power Down All (Bit 0)
Default = 1
Function:
The device will enter a low-power state whenever this bit is set. The power-down bit is set by default
and must be cleared before normal operation can occur. The control registers remain accessible, and
their contents are retained while the device is in power-down.
ZCMode[1:0]
Zero-Crossing Mode
00
Volume changes take effect immediately.
01
Volume changes take effect on a signal zero-crossing. If a zero-crossing is not detected
before the period specified by the TimeOut[2:0] bits has elapsed, the volume change will be
implemented immediately when the time-out period elapses. If the volume setting is
changed again before the original volume change has been implemented, the original
change will be discarded, the time-out period will be reset, and the new volume setting will
take effect when a zero-crossing is detected or the time-out period elapses.
10
Volume changes take effect on a signal zero-crossing. If a zero-crossing is not detected
before the period specified by the TimeOut[2:0] bits has elapsed, the volume change will be
implemented immediately when the time-out period elapses. If the volume setting is
changed again before the original volume change has been implemented, the original vol-
ume change will be implemented immediately upon reception of the new volume change
command, the time-out period will be reset, and the new volume setting will take effect when
a zero-crossing is detected or the time-out period elapses.
11
Reserved
Table 9. Zero-Crossing Mode Settings
7
6
5
432
10
PDN8
PDN7
PDN6
PDN5
PDN4
PDN3
PDN2
PDN1
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PDN_ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com