Electronic Components Datasheet Search
  English  ▼

X  

CDB3318 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CDB3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB3318 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CDB3318 Datasheet HTML 32Page - Cirrus Logic CDB3318 Datasheet HTML 33Page - Cirrus Logic CDB3318 Datasheet HTML 34Page - Cirrus Logic CDB3318 Datasheet HTML 35Page - Cirrus Logic CDB3318 Datasheet HTML 36Page - Cirrus Logic CDB3318 Datasheet HTML 37Page - Cirrus Logic CDB3318 Datasheet HTML 38Page - Cirrus Logic CDB3318 Datasheet HTML 39Page - Cirrus Logic CDB3318 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
36
DS693F1
CS3318
7.8
Freeze Control - Address 0Fh
7.8.1
Freeze (Bit 7)
Default = 0
Function:
When the Freeze bit is set, the Freeze function allows modifications to the control port registers with-
out changes taking effect until Freeze bit is cleared. To make multiple changes in the Control Port
registers take effect simultaneously, set the Freeze bit, make all register changes, then clear the
Freeze bit.
7.9
Master 1 Mask - Address 10h
Each bit in this register serves as a Master 1 mask for its corresponding channel.
If a mask bit is set to ‘1’, the corresponding channel is unmasked, meaning that it will be affected by the
Master 1 volume and muting controls.
If a mask bit is set to ‘0’, the corresponding channel is masked, meaning that it will not be affected by the
Master 1 volume and muting controls.
This register defaults to FFh (all channels unmasked).
7.10
Master 1 Volume - Address 11h
7.10.1
Master 1 Volume Control (Bits 7:0)
Default = 11010010
Function:
The Master 1 volume control register allows the user to simultaneously gain or attenuate all un-
masked channels in 0.5 dB increments. The volume changes are implemented as dictated by the ZC-
Mode[1:0] and TimeOut[2:0] bits in the Device Config 2 register (see “Device Configuration 2 -
Address 0Ch” on page 34).
The value of the Master 1 volume control register is mapped to the desired 0.5 dB step Master 1 vol-
ume setting by the following equation:
In the equation above, “Desired Volume Setting in dB” is determined by rounding the desired ¼ dB
resolution volume setting down to ½ dB resolution.
It should be noted that input values outside the CS3318’s analog range of +22 dB to -96 dB are valid,
however, the volume of each channel will be limited to the CS3318’s analog range (see “Volume Lim-
its” on page 20).
See Table 5 on page 31 for example register settings.
76
543
21
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Freeze
76
543
21
0
M1_Ch8M
M1_Ch7M
M1_Ch6M
M1_Ch5M
M1_Ch4M
M1_Ch3M
M1_Ch2M
M1_Ch1M
76
543
21
0
M1_Vol7
M1_Vol6
M1_Vol5
M1_Vol4
M1_Vol3
M1_Vol2
M1_Vol1
M1_Vol0
Register Value
2
Desired Volume Setting in dB
×
() 210
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com