Electronic Components Datasheet Search
  English  ▼

X  

CDB3318 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CDB3318
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB3318 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CDB3318 Datasheet HTML 36Page - Cirrus Logic CDB3318 Datasheet HTML 37Page - Cirrus Logic CDB3318 Datasheet HTML 38Page - Cirrus Logic CDB3318 Datasheet HTML 39Page - Cirrus Logic CDB3318 Datasheet HTML 40Page - Cirrus Logic CDB3318 Datasheet HTML 41Page - Cirrus Logic CDB3318 Datasheet HTML 42Page - Cirrus Logic CDB3318 Datasheet HTML 43Page - Cirrus Logic CDB3318 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
DS693F1
43
CS3318
9. PACKAGE DIMENSIONS
10.THERMAL CHARACTERISTICS AND SPECIFICATIONS
1.
θJA is specified according to JEDEC specifications for multi-layer PCBs.
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
---
0.055
0.063
---
1.40
1.60
A1
0.002
0.004
0.006
0.05
0.10
0.15
B
0.007
0.009
0.011
0.17
0.22
0.27
D
0.343
0.354
0.366
8.70
9.0 BSC
9.30
D1
0.272
0.28
0.280
6.90
7.0 BSC
7.10
E
0.343
0.354
0.366
8.70
9.0 BSC
9.30
E1
0.272
0.28
0.280
6.90
7.0 BSC
7.10
e*
0.016
0.020
0.024
0.40
0.50 BSC
0.60
L
0.018
0.24
0.030
0.45
0.60
0.75
∝
0.000°
4°
7.000°
0.00°
4°
7.00°
* Nominal pin pitch is 0.50 mm
*Controlling dimension is mm.
*JEDEC Designation: MS022
Parameters
Symbol
Min
Typ
Max
Units
Package Thermal Resistance (Note 1)
48-LQFP
θJA
θJC
-
-
48
15
-
-
°C/Watt
°C/Watt
Allowable Junction Temperature
-
-
125
°C
48L LQFP PACKAGE DRAWING
E1
E
D1
D
1
e
B
L
∝
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com