Electronic Components Datasheet Search
  English  ▼

X  

PC1379 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PC1379
Description  LINEAR INTEGRATED CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PC1379 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PC1379 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC1379 Datasheet HTML 2Page - List of Unclassifed Manufacturers PC1379 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC1379
LINEAR INTEGRATED CIRCUIT
2
ABSOLUTE MAXIMUM RATINGS(Ta=25 C)
PARAMETER
SYMBOL
VALUE
UNIT
Vertical Supply Voltage
VCC
15
V
Horizontal Supply Current
I 10
30
mA
Vertical Output Current
I 8
-500 ~ +500
ma peak
Horizontal Output Current(pulse)
I 9
-15 ~ +5
mA
Fly-back Generator Output Current
I 6
-500 ~ +500
ma peak
Operating Temperature
Topr
-20 ~ +75
C
Storage Temperature
Tstg
-55 ~ +155
C
Power Dissipation
PD
1.3
W
ELECTRONICAL CHARACTERISTICS(Ta=25 C,VCC=12V,I10=12mA, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Recommend Vertical Supply Voltage
Vcc
9.6
12
14
V
Horizontal Supplu Current
I10
6.5
12
18
mA
Vertical Supply Current
Icc(1)
SWA=2
85
100
mA
Vertical Supply Current
Icc(2)
No Input Signal, SWA=2
6
12
20
mA
Vertical Free Running Frequency
Fvo
SWA=1
55
60
65
Hz
Drift of Vertical Free Running
Frequency
Fvo/Vcc
Fvo=Fvo(14.4V)-Fvo(9.6V)
SWA=2
0.8
2
Hz
Fvo/Ta
Fvo=Fvo(-20 C)-Fvo(70 C)
SWA=2
1.5
2
Hz
Vertical Output Center Voltage
Vmid
SWA=2
5.3
5.8
6.3
V
Vertical Output Current
IB
SWA=2
450
500
550
mAp-p
Horizontal Supply Voltage
V10
SWB=2
6.2
6.7
7.2
V
Horizontal Free Running Frequency
FHO
I10=12mA SWB=1
15
15.75
16.5
KHZ
Horizontal Output Pulse Width
THPW
FHO=15. 75KHZ. SWB=2
23
25
27
US
Horizontal Output Current
I9
SWB=2
0.8
1.3
2.0
mA
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com