Electronic Components Datasheet Search
  English  ▼

X  

PC1379 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PC1379
Description  LINEAR INTEGRATED CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PC1379 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PC1379 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC1379 Datasheet HTML 2Page - List of Unclassifed Manufacturers PC1379 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC1379
LINEAR INTEGRATED CIRCUIT
3
TEST CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Contek PC1379
100 m F/16V
15k W
1000 mF/25V
15k W
470 W
12V
Ly=2mH
Ry=10 W
4700pF
1000pF
0.01 m F
68k W
5600pF
10k W
10k W
12V
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Contek PC1379
100 m F/16V
15k W
1000 mF/25V
15k W
470 W
12V
Ly=2mH
Ry=10 W
4700pF
0.01 mF
68k W
5600pF
10k W
10k W
430 W
8.2k W
VCCH=12V
VCCH=110V
1000pF
100V p_p
1.5Vp_p
1Vp_p
25 ms
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com