Electronic Components Datasheet Search
  English  ▼

X  

PC1379 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC1379
Description  LINEAR INTEGRATED CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PC1379 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC1379 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC1379 Datasheet HTML 2Page - List of Unclassifed Manufacturers PC1379 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PC1379
LINEAR INTEGRATED CIRCUIT
1
1-CHIP DEFECTION SYSTEM
DESCRIPTION
The Contek PC1379 consists of a vertical system, including
function and a horizontal system, including an AFC function. It
is for use in small size color TVs, B/W TV receivers and
monitors.
FEATURES
*Low power consumption, direct deflection coil driving
capability(Fly-back voltage two times as high supply voltage is
supplied during fly-back period only)
*Variable circuit of vertical retrace time on chip
FUNCTIONS
HORIZONTAL SECTION
*SYNC separation
*Horizontal Oscillators
*Horizontal Pre-drivers
*Horizontal AFCs
*Shunt Regulator(Typical 6.7V)
VERTICAL SECTION
*Vertical Oscillator
*Vertical Pre-drivers
*Vertical Output
*Fly-back generators
DIP-16H
BLOCK DIAGRAM
V-AMP
REGUALTOR
H-PREDRIVERS
H-OSC
H-AFC
SYNC-SEP
V-OSC
Fly Back
Generator
2
3
5
11
4
7
8
6
10
9
12
13
14
15
16
1
V-Osc
Control
V-Osc
V-Vcc
Boot
Strap
NF
Boot
Strap
V-
Output
H-
Output
Flykack
Adjusting
H-Osc
Control
H-Vcc
H-AFC
Output
H.AFC
Input
SYNC
SEParation
Input
SYNC
SEParation
Output
Contek
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com


Similar Part No. - PC1379

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1379 UTC-PC1379 Datasheet
88Kb / 4P
1-CHIP DEFECTION SYSTEM
PC1379 UTC-PC1379_15 Datasheet
92Kb / 4P
1-CHIP DEFECTION SYSTEM
More results

Similar Description - PC1379

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com