Electronic Components Datasheet Search
  English  ▼

X  

74HC30 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC30
Description  8-input NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC30 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC30 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
74HC30; 74HCT30
8-input NAND gate
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HCT30
A, B, C, D, E, F, G, H to Y;
see Fig. 5
[1]
VCC = 4.5 V
-
16
28
-
35
-
42
ns
tpd
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
12
-
-
-
-
-
ns
tt
transition
time
VCC = 4.5 V; see Fig. 5
[2]
-
7
15
-
19
-
22
ns
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC - 1.5 V
[3]
-
15
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL x VCC 2 x fo) = sum of outputs.
10.1. Waveforms and test circuit
001aal792
VOL
VOH
GND
VM
tPHL
tPLH
tTHL
tTLH
VM
VX
VY
nY output
A, B, C, D,
E, F, G, H
input
VI
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 5. Input to output propagation delays and output transition times
Table 8. Measurement points
Input
Output
Type
VM
VM
VX
VY
74HC30
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT30
1.3 V
1.3 V
0.1VCC
0.9VCC
74HC_HCT30
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 6 September 2021
7 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com