Electronic Components Datasheet Search
  English  ▼

X  

74HC30 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC30
Description  8-input NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC30 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC30 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Nexperia
74HC30; 74HCT30
8-input NAND gate
001aah768
tW
tW
tr
tr
tf
VM
VI
negative
pulse
GND
VI
positive
pulse
GND
10 %
90 %
90 %
10 %
VM
VM
VM
tf
VCC
DUT
RT
VI
VO
CL
G
Test data is given in Table 9.
Definitions for test circuit:
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
Fig. 6. Test circuit for measuring switching times
Table 9. Test data
Input
Load
Type
VI
tr, tf
CL
Test
74HC30
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT30
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HC_HCT30
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 6 September 2021
8 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com