Electronic Components Datasheet Search
  English  ▼

X  

74HC30 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC30
Description  8-input NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC30 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC30 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
74HC30; 74HCT30
8-input NAND gate
Rev. 9 — 6 September 2021
Product data sheet
1. General description
The 74HC30; 74HCT30 is an 8-input NAND gate. Inputs include clamp diodes. This enables the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC30: CMOS level
• For 74HCT30: TTL level
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74HC30D
74HCT30D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC30PW
74HCT30PW
-40 °C to +125 °C
TSSOP14 plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1


Similar Part No. - 74HC30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC30 PHILIPS-74HC30 Datasheet
34Kb / 6P
8-input NAND gate
December 1990
logo
List of Unclassifed Man...
74HC30 ETC1-74HC30 Datasheet
137Kb / 4P
8-INPUT NAND GATE
logo
Silicon Supplies
74HC30 SS-74HC30 Datasheet
435Kb / 5P
High Speed CMOS Logic
74HC30 SS-74HC30 Datasheet
280Kb / 5P
High Speed CMOS Logic
Rev 1.0 7/5/2019
logo
Nexperia B.V. All right...
74HC30-Q100 NEXPERIA-74HC30-Q100 Datasheet
688Kb / 14P
8-input NAND gate
More results

Similar Description - 74HC30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com